| Zakładka z wyszukiwarką danych komponentów |
|
MB89R119B Arkusz danych(PDF) 33 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B Arkusz danych(HTML) 33 Page - RAMXEED LIMITED |
|
33 / 46 page ![]() MB89R119B DS411-00002-4v0-E 33 Note : The memory size of the MB89R119B which is consisted of 58 blocks (4 bytes per block) in the user area is hexadecimal “0339H”. 2-13. Get Multiple Block Security Status Command On receiving the Get Multiple Block Security Status command, the transponder reads the block security status stored in a system area to the reader/writer as a response. Up to 58 blocks of data can be read for one request. The number of blocks specified in this request must be the value that is 1 block less than the actual number of the blocks whose security status is to be obtained. The first block number specified in this request must be a multiple of 8. Request [Request from the reader/writer to the transponder] Response [Response from the transponder to the reader/writer] (1) When Error_flag set (2) When Error_flag not set SOF Flag Command (Get Multiple Block Security Status) UID (Addressed mode) First block number Number of blocks CRC EOF 8 bits 8 bits (“2CH”) 64 bits 8 bits 8 bits 16 bits SOF Flag Error code CRC EOF 8 bits (“01H”) 8 bits 16 bits SOF Flag Block security status CRC EOF 8 bits (“00H”) 8 bits (repeated as required) 16 bits |