| Zakładka z wyszukiwarką danych komponentów |
|
MB89R119B Arkusz danych(PDF) 43 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B Arkusz danych(HTML) 43 Page - RAMXEED LIMITED |
|
43 / 46 page ![]() MB89R119B DS411-00002-4v0-E 43 MB89R119B functions compared with ISO/IEC15693 *:The minimum value of t3 on ASK100% does not meet ISO/IEC15693. Refer to RECOMMENDED OPERATING CONDITIONS. RECOMMENDED ASSEMBLY CONDITIONS (WAFER) The MB89R119B is recommended to be mounted in the following condition to maintain the data retention characteristics of the FeRAM memory when the chip is mounted. - Mounting temperature of 175 C or lower, and 120 minutes or shorter when applied at high temperature, or - Mounting temperature of 200 C or lower, and 60 seconds or shorter when applied at high temperature Parameter ISO/IEC15693 specification MB89R119B Modulation 10 ASK Support 100 ASK Support* Data coding 1 out of 256 Not support 1 out of 4 Support Subcarrier 1-subcarrier Support 2-subcarrier Not support Mandatory command Inventory command Support Stay Quiet command Support Optional command Read Single Block command Support Write Single Block command Support Lock Block command Support Read Multiple Blocks command Support up to 64 blocks Write Multiple Blocks command Support up to 2 blocks Select command Support Reset to Ready command Support Write AFI command Support Lock AFI command Support Write DSFID command Support Lock DSFID command Support Get System Information command Support Get Multiple Block Security Status command Support +200 60 +25 Time [min] Time [s] +175 120 +25 |