Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9963E Arkusz danych(PDF) 66 Page - STMicroelectronics

Numer części L9963E
Szczegółowy opis  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Arkusz danych(HTML) 66 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 184 page
background image
Direct conversion of the voltage VBATT_MONITOR at VBAT pin through internal resistive divider (within
the VBAT Conversion step of the Voltage Conversion Routine). The result is compared to the
VBAT_CRITICAL_OV_TH or VBAT_CRITICAL_UV_TH fixed thresholds. This diagnostic is mainly intended to protect
the IC against AMR violation on VBAT pin. It can also be used as a redundant coherency check with the
arithmetic sum of cells.
Continuous sense of the VBAT pin voltage with a VBAT_UV/OV comparator, featuring fixed thresholds
(VBAT_OV_WARNING (COMP) and VBAT_UV_WARNING (COMP)). It is used as an “over voltage warning” or an
“under voltage warning”. This diagnostic is intended to provide a fast reaction against transient overvoltage
and undervoltage events.
This UV/OV comparator is always enabled in order to guarantee a continuous safety check on VBAT voltage.
Refer to Table 40 for the electrical parameters.
4.11.2.1
VBAT over-voltage
The aim of this diagnostic is to detect a dangerous increase of battery voltage in order to protect the circuitry
connected to VBAT.
If VBAT > VBAT_OV_WARNING (COMP) (for a time longer than TVBAT_FILT) or VBATT_SUM > VBAT_OV (SUM) or
VBATT_MONITOR > VBAT_CRITICAL_OV_TH the over-voltage fault is directly reported in registers and notified to the
microcontroller with 3 dedicated flags, according to the Fault communication procedure.
In case of VBAT overvoltage detection during voltage conversion routine (violation of VBAT_OV (SUM) or
VBAT_CRITICAL_OV_TH).
Corresponding fault flag is set and latched into register VSUM_OV or VBATTCRIT_OV
Fault is propagated through the FAULT Line
Voltage conversion routine goes into Configuration Override
In case of VBAT overvoltage detection through the analog comparator (VBAT_OV_WARNING):
Corresponding fault flag is set and latched into register VBATT_WRN_OV
Fault is propagated through the FAULT Line
Voltage conversion routine is not involved, since this diagnostic is not part of the routine steps
For further details see Section 4.12 Voltage conversion routine.
4.11.2.2
VBAT under-voltage
The aim of this diagnostic is to detect a decrease of battery voltage in order to notify this fault that may cause
system malfunctions.
If VBAT < VBAT_UV_WARNING (COMP) (for a time longer than TVBAT_FILT) or VBATT_SUM < VBAT_UV (SUM) or
VBATT_MONITOR < VBAT_CRITICAL_UV_TH the under-voltage fault is reported in the register and notified to the
microcontroller with 3 dedicated flags, according to the Fault communication procedure.
In case of VBAT undervoltage detection during voltage conversion routine (violation of VBAT_UV (SUM) or
VBAT_CRITICAL_UV_TH):
Corresponding fault flag is set and latched into register VSUM_UV or VBATTCRIT_UV
Fault is propagated through the FAULT Line
Balance is stopped on the whole stack
Voltage conversion routine goes into Configuration Override
In case of VBAT undervoltage detection through the analog comparator (VBAT_UV_WARNING):
Corresponding fault flag is set and latched into register VBATT_WRN_UV
Fault is propagated through the FAULT Line
Voltage conversion routine is not involved, since this diagnostic is not part of the routine steps
In case of VBAT pin loss, the internal resistive divider will pull-down VBAT to GND, thus causing VBAT UV failure
and, eventually, POR.
For further details see Section 4.12 Voltage conversion routine.
L9963E
Safety and diagnostic features
DS13636 - Rev 12
page 66/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More