Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

INA630DDFR Arkusz danych(PDF) 24 Page - Texas Instruments

Numer części INA630DDFR
Szczegółowy opis  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

INA630DDFR Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button INA630DDFR Datasheet HTML 20Page - Texas Instruments INA630DDFR Datasheet HTML 21Page - Texas Instruments INA630DDFR Datasheet HTML 22Page - Texas Instruments INA630DDFR Datasheet HTML 23Page - Texas Instruments INA630DDFR Datasheet HTML 24Page - Texas Instruments INA630DDFR Datasheet HTML 25Page - Texas Instruments INA630DDFR Datasheet HTML 26Page - Texas Instruments INA630DDFR Datasheet HTML 27Page - Texas Instruments INA630DDFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
NC
8
+VS
INN
7
OUT
INP
6
FB
4
VS
5
REF
1
2
3
GND
+IN
–IN
GND
+V
C2
C1
Place bypass
capacitors as close to
IC as possible
V
R5
R4
C5
C4
C3
R1
R2
GND
Figure 8-6. Associated PCB Layout
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com