Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

INA630DDFR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części INA630DDFR
Szczegółowy opis  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

INA630DDFR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button INA630DDFR Datasheet HTML 5Page - Texas Instruments INA630DDFR Datasheet HTML 6Page - Texas Instruments INA630DDFR Datasheet HTML 7Page - Texas Instruments INA630DDFR Datasheet HTML 8Page - Texas Instruments INA630DDFR Datasheet HTML 9Page - Texas Instruments INA630DDFR Datasheet HTML 10Page - Texas Instruments INA630DDFR Datasheet HTML 11Page - Texas Instruments INA630DDFR Datasheet HTML 12Page - Texas Instruments INA630DDFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
25
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
N = 1034
Mean = 0.21μV/V
Std. Dev. = 0.04μV/V
Figure 6-11. Typical CMRR Distribution, G = 20V/V
Power Supply Rejection Ratio ( V/V)
0
5
10
15
20
25
30
35
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
N = 1034
Mean = 0.30μV/V
Std. Dev. = 0.03μV/V
Figure 6-12. Typical PSRR Distribution, G = 20V/V
Frequency (Hz)
40
60
80
100
120
140
100m
1
10
100
1k
10k
100k
1M
G = 20
G = 100
Figure 6-13. CMRR vs Frequency (RTI)
Frequency (Hz)
20
40
60
80
100
120
140
100m
1
10
100
1k
10k
100k
1M
G = 20
G = 100
Figure 6-14. CMRR vs Frequency (RTI, 1kΩ Source Imbalance)
Frequency (Hz)
-60
-40
-20
0
20
40
60
10
100
1k
10k
100k
1M
10M
G = 20
G = 100
.
Figure 6-15. Gain vs Frequency
Frequency (Hz)
20
30
40
50
70
100
200
300
400
400
100m
1
10
100
1k
10k
100k
G = 21
G = 101
.
.
Figure 6-16. Voltage Noise Spectral Density vs Frequency (RTI)
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com