| Zakładka z wyszukiwarką danych komponentów |
|
LP5569ARTWR Arkusz danych(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5569ARTWR Arkusz danych(HTML) 32 Page - Texas Instruments |
|
32 / 93 page ![]() 32 LP5569 SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017 www.ti.com Product Folder Links: LP5569 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated (1) These instructions are compatible with LP5523 and LP55231 mux_* LED mapping instructions. (2) Absolute address (3) Only values 1 through 9 are valid, any other value results in no LED driver selected. Table 11. LP5569 LED Mapping Instructions INST. (1) Bit [15] Bit [14] Bit [13] Bit [12] Bit [11] Bit [10] Bit [9] Bit [8] Bit [7] Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0] load_start 1 0 0 1 1 1 1 0 0 SRAM addresses 0–127(2) map_start 1 0 0 1 1 1 0 0 0 SRAM addresses 0–127(2) load_end 1 0 0 1 1 1 0 0 1 SRAM addresses 0–127(2) map_sel 1 0 0 1 1 1 0 1 0 LED select(3) map_clr 1 0 0 1 1 1 0 1 0 0 0 0 0 0 0 0 map_next 1 0 0 1 1 1 0 1 1 0 0 0 0 0 0 0 map_prev 1 0 0 1 1 1 0 1 1 1 0 0 0 0 0 0 load_next 1 0 0 1 1 1 0 1 1 0 0 0 0 0 0 1 load_prev 1 0 0 1 1 1 0 1 1 1 0 0 0 0 0 1 load_addr 1 0 0 1 1 1 1 1 0 SRAM addresses 0–127(2) map_addr 1 0 0 1 1 1 1 1 1 SRAM addresses 0–127(2) 8.5.2.5.1 LOAD_START and LOAD_END The load_start and load_end instructions define the mapping table locations in SRAM. NAME VALUE (d) DESCRIPTION SRAM address 0–127 Mapping table start or end address restricted to lower half of memory. 8.5.2.5.2 MAP_START The map_start instruction defines the mapping table start address in the memory, and the first row of the table is activated (mapped) at the same time. NAME VALUE (d) DESCRIPTION SRAM address 0–127 Mapping table start address restricted to lower half of memory. 8.5.2.5.3 MAP_SEL With the map_sel instruction one, and only one, LED driver can be connected to a program execution engine. Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released from an LED, the PWM register value still controls the LED brightness. NAME VALUE (d) DESCRIPTION LED select 0–127 0 = no drivers selected 1 = LED1 selected 2 = LED1 selected ... 9 = LED9 selected 10–127 = no drivers selected |