| Zakładka z wyszukiwarką danych komponentów |
|
LP5569ARTWR Arkusz danych(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5569ARTWR Arkusz danych(HTML) 33 Page - Texas Instruments |
|
33 / 93 page ![]() 33 LP5569 www.ti.com SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017 Product Folder Links: LP5569 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 8.5.2.5.4 MAP_CLR The map_clr instruction clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register value still controls the LED brightness. 8.5.2.5.5 MAP_NEXT This instruction sets the next row active in the mapping table each time it is called. For example, if the second row is active at this moment, after the map_next instruction call the third row is active. If the mapping table end address is reached, activation rolls to the mapping-table start address the next time when the map_next instruction is called. The engine does not push a new PWM value to the LED driver output before the set_pwm or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED brightness. 8.5.2.5.6 LOAD_NEXT Similar to the map_next instruction with the exception that no mapping is set. The index pointer is set to point to the next row and the engine-to-LED-driver connection is not updated. 8.5.2.5.7 MAP_PREV This instruction sets the previous row active in the mapping table each time it is called. For example, if the third row is active at this moment, after the map_prev instruction call the second row is active. If the mapping table start address is reached, activation rolls to the mapping table end address next time the map_prev instruction is called. The engine does not push a new PWM value to the LED driver output before the set_pwm or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED brightness. 8.5.2.5.8 LOAD_PREV Similar to the map_prev instruction with the exception that no mapping is set. The index pointer is set to point to the previous row and the engine-to-LED-driver connection is not updated. 8.5.2.5.9 MAP_ADDR The map_addr instruction sets the index pointer to point to the mapping table row defined by bits [6:0] and sets the row active. The engine does not push a new PWM value to the LED driver output before the set_pwm or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED brightness. NAME VALUE (d) DESCRIPTION SRAM address 0–127 SRAM address containing mapping data restricted to lower half of memory. 8.5.2.5.10 LOAD_ADDR The load_addr instruction sets the index pointer to point to the mapping table row defined by bits [6:0], but the row is not set active. NAME VALUE (d) DESCRIPTION SRAM address 0–127 SRAM address containing mapping data restricted to lower half of memory. 8.5.2.6 Branch Instructions 8.5.2.6.1 BRANCH The branch instruction is provided for repeating a portion of the program code several times. The branch instruction loads a step number value to the program counter. A loop count parameter defines how many times the instructions inside the loop are repeated. The step number is loaded into the PC when the instruction is executed. The PC is relative to the ENGINEx_PROG_START register setting. The LP5569 device supports nested looping, that is, a loop inside a loop. The number of nested loops is not limited. The instruction takes 16 32-kHz clock cycles. |