| Zakładka z wyszukiwarką danych komponentów |
|
M41ST85WMH6F Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST85WMH6F Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 43 page ![]() DocID7531 Rev 12 27/43 M41ST85W Clock operation 43 regulator. The voltage divider can be set up such that the voltage at PFI falls below VPFI several milliseconds before the regulated VCC input to the M41ST85W or the microprocessor drops below the minimum operating voltage. During battery backup, the power-fail comparator turns off and PFO goes (or remains) low. This occurs after VCC drops below VPFD(min). When power returns, PFO is forced high, irrespective of VPFI for the write protect time (trec), which is the time from VPFD(max) until the inputs are recognized. At the end of this time, the power-fail comparator is enabled and PFO follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left unconnected. 3.10 Century bit Bits D7 and D6 of clock register 03h contain the Century Enable bit (CEB) and the Century bit (CB). Setting CEB to a '1' will cause CB to toggle, either from a '0' to '1' or from '1' to '0' at the turn of the century (depending upon its initial state). If CEB is set to a '0,' CB will not toggle. 3.11 Output driver pin When the FT bit, AFE bit and watchdog register are not set, the IRQ/FT/OUT pin becomes an output driver that reflects the contents of D7 of the control register. In other words, when D7 (OUT bit) and D6 (FT bit) of address location 08h are a '0,' then the IRQ/FT/OUT pin will be driven low. Note: The IRQ/FT/OUT pin is an open drain which requires an external pull-up resistor. 3.12 Battery low warning The M41ST85W automatically performs battery voltage monitoring upon power-up and at factory-programmed time intervals of approximately 24 hours. The battery low (BL) bit, bit D4 of flags register 0Fh, will be asserted if the battery voltage is found to be less than approximately 2.5 V. The BL bit will remain asserted until completion of battery replacement and subsequent battery low monitoring tests, either during the next power-up sequence or the next scheduled 24-hour interval. If a battery low is generated during a power-up sequence, this indicates that the battery is below approximately 2.5 volts and may not be able to maintain data integrity in the SRAM. Data should be considered suspect and verified as correct. A fresh battery should be installed. If a battery low indication is generated during the 24-hour interval check, this indicates that the battery is near end of life. However, data is not compromised due to the fact that a nominal VCC is supplied. In order to insure data integrity during subsequent periods of battery backup mode, the battery should be replaced. The SNAPHAT® top may be replaced while VCC is applied to the device. Note: This will cause the clock to lose time during the interval the SNAPHAT battery/crystal top is disconnected. The M41ST85W only monitors the battery when a nominal VCC is applied to the device. Thus applications which require extensive durations in the battery backup mode should be |