| Zakładka z wyszukiwarką danych komponentów |
|
IS67WVR4M8BLL-R104NLA2 Arkusz danych(PDF) 33 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS67WVR4M8BLL-R104NLA2 Arkusz danych(HTML) 33 Page - Integrated Silicon Solution, Inc |
|
33 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 33 Rev. A2 07/08/2024 9. ORDERING INFORMATION – Valid Part Numbers IS66 WVR 4M8 ALL - 104 N L I TEMPERATURE RANGE I = Industrial (-40°C to +85°C) A1 = Automotive Grade (-40°C to +85°C) A2 = Automotive Grade (-40°C to +105°C) PACKAGING CONTENT L = Green Package (RoHS Compliant, Halogen-free) and TSCA Compliant PACKAGE Type N = 8-pin SOIC 150mil K = 8-contact WSON 6x5mm T = 8-contact USON 4x3mm W = KGD (Call Factory) Frequency 104 = 104MHz Option Blank = No In-Band Reset supported R = In-Band Reset supported (Call Factory) VDD ALL = 1.8V BLL = 3.0V Die Revision Blank = First Gen. Density/Org. 4M8 = 4Mbx8=32Mb PSRAM Product Type. WVR = SerialRAM, Continuous operation BASE PART NUMBER IS = Integrated Silicon Solution Inc. 66 = PSRAM 67 = PSRAM for Automotive |