| Zakładka z wyszukiwarką danych komponentów |
|
IS67WVR4M8BLL-R104NLA2 Arkusz danych(PDF) 34 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS67WVR4M8BLL-R104NLA2 Arkusz danych(HTML) 34 Page - Integrated Silicon Solution, Inc |
|
34 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 34 Rev. A2 07/08/2024 Industrial Temperature Range (-40°C to +85°C) Automotive A1 Temperature Range (-40°C to +85°C) Automotive A2 Temperature Range (-40°C to +105°C) Config. Voltage Frequency (MHz) Order Part Number Package 4Mbx8 1.8V 104 IS66WVR4M8ALL-104KLI 8-contact WSON 6x5mm IS66WVR4M8ALL-104TLI 8-contact USON 4x3mm IS66WVR4M8ALL-104NLI 8-pin SOIC 150mil 3.0V 104 IS66WVR4M8BLL-104KLI 8-contact WSON 6x5mm IS66WVR4M8BLL-104TLI 8-contact USON 4x3mm IS66WVR4M8BLL-104NLI 8-pin SOIC 150mil Config. Voltage Frequency (MHz) Order Part Number Package 4Mbx8 1.8V 104 IS67WVR4M8ALL-104KLA1 8-contact WSON 6x5mm IS67WVR4M8ALL-104TLA1 8-contact USON 4x3mm IS67WVR4M8ALL-104NLA1 8-pin SOIC 150mil 3.0V 104 IS67WVR4M8BLL-104KLA1 8-contact WSON 6x5mm IS67WVR4M8BLL-104TLA1 8-contact USON 4x3mm IS67WVR4M8BLL-104NLA1 8-pin SOIC 150mil Config. Voltage Frequency (MHz) Order Part Number Package 4Mbx8 1.8V 104 IS67WVR4M8ALL-104KLA2 8-contact WSON 6x5mm IS67WVR4M8ALL-104TLA2 8-contact USON 4x3mm IS67WVR4M8ALL-104NLA2 8-pin SOIC 150mil 3.0V 104 IS67WVR4M8BLL-104KLA2 8-contact WSON 6x5mm IS67WVR4M8BLL-104TLA2 8-contact USON 4x3mm IS67WVR4M8BLL-104NLA2 8-pin SOIC 150mil |