Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT32 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74ACT32
Szczegółowy opis  SN74ACT32 Quadruple 2-Input Positive-or Gates
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT32 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ACT32 Datasheet HTML 1Page - Texas Instruments SN74ACT32 Datasheet HTML 2Page - Texas Instruments SN74ACT32 Datasheet HTML 3Page - Texas Instruments SN74ACT32 Datasheet HTML 4Page - Texas Instruments SN74ACT32 Datasheet HTML 5Page - Texas Instruments SN74ACT32 Datasheet HTML 6Page - Texas Instruments SN74ACT32 Datasheet HTML 7Page - Texas Instruments SN74ACT32 Datasheet HTML 8Page - Texas Instruments SN74ACT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3 Pin Configuration and Functions
Figure 3-1. D, DB, N, NS, or PW Package,
14-Pin SOIC, SSOP, PDIP, SOP, or TSSOP (Top View)
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
3Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-2. BQA Package, 14-Pin WQFN (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SN74ACT32
BQA, D, DB, DGV, N, NS,
PW, RGY, BQA
1A
1
I
1A Input
1B
2
I
1B Input
1Y
3
O
1Y Output
2A
4
I
2A Input
2B
5
I
2B Input
2Y
6
O
2Y Output
3A
9
I
3A Input
3B
10
I
3B Input
3Y
8
O
3Y Output
4A
12
I
4A Input
4B
13
I
4B Input
4Y
11
O
4Y Output
GND
7
—
Ground Pin
NC
—
—
No Connection
VCC
14
—
Power Pin
www.ti.com
SN74ACT32
SCAS530E – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74ACT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com