| Zakładka z wyszukiwarką danych komponentów |
|
SN74ACT32 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT32 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74ACT32BQAR Active Production WQFN (BQA) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32BQAR.A Active Production WQFN (BQA) | 14 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32D Obsolete Production SOIC (D) | 14 - - Call TI Call TI -40 to 85 ACT32 SN74ACT32DBR Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32DBR.A Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32DR Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32DR.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32DRG4 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32DRG4.A Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32N Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 SN74ACT32N SN74ACT32N.A Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 SN74ACT32N SN74ACT32NSR Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32NSR.A Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 ACT32 SN74ACT32PW Obsolete Production TSSOP (PW) | 14 - - Call TI Call TI -40 to 85 AD32 SN74ACT32PWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32PWR.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32PWRG4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 SN74ACT32PWRG4.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 AD32 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |