Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT32DBR Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ACT32DBR
Szczegółowy opis  SN74ACT32 Quadruple 2-Input Positive-or Gates
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT32DBR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ACT32DBR Datasheet HTML 1Page - Texas Instruments SN74ACT32DBR Datasheet HTML 2Page - Texas Instruments SN74ACT32DBR Datasheet HTML 3Page - Texas Instruments SN74ACT32DBR Datasheet HTML 4Page - Texas Instruments SN74ACT32DBR Datasheet HTML 5Page - Texas Instruments SN74ACT32DBR Datasheet HTML 6Page - Texas Instruments SN74ACT32DBR Datasheet HTML 7Page - Texas Instruments SN74ACT32DBR Datasheet HTML 8Page - Texas Instruments SN74ACT32DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SN74ACT32 Quadruple 2-Input Positive-or Gates
1 Features
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Maximum tpd of 10ns at 5V
• Inputs are TTL-voltage compatible
2 Description
The 'ACT32 devices are quadruple 2-input positive-
OR gates. The devices perform the Boolean function
Y = A + B or Y = A × B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (2)
BODY SIZE(3)
SN74ACT32
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.40mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
DB (SSOP, 14)
6.2mm × 7.8mm
6.2mm × 5.3mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
NS (SOP, 14)
10.2mm × 7.8mm
10.3mm × 5.3mm
BQA (WQFN)
3mm × 2.5mm
3mm × 2.5mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Gate (Positive Logic)
SN74ACT32
SCAS530E – AUGUST 1995 – REVISED APRIL 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - SN74ACT32DBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT32DBR TI-SN74ACT32DBR Datasheet
355Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74ACT32DBR TI1-SN74ACT32DBR Datasheet
977Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74ACT32DBRE4 TI-SN74ACT32DBRE4 Datasheet
355Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Podobny opis - SN74ACT32DBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com