Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT32DBR Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części SN74ACT32DBR
Szczegółowy opis  SN74ACT32 Quadruple 2-Input Positive-or Gates
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT32DBR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74ACT32DBR Datasheet HTML 6Page - Texas Instruments SN74ACT32DBR Datasheet HTML 7Page - Texas Instruments SN74ACT32DBR Datasheet HTML 8Page - Texas Instruments SN74ACT32DBR Datasheet HTML 9Page - Texas Instruments SN74ACT32DBR Datasheet HTML 10Page - Texas Instruments SN74ACT32DBR Datasheet HTML 11Page - Texas Instruments SN74ACT32DBR Datasheet HTML 12Page - Texas Instruments SN74ACT32DBR Datasheet HTML 13Page - Texas Instruments SN74ACT32DBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. A 0.1μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass
capacitors to reject different frequencies of noise. The 0.1μF and 1μF capacitors are commonly used in parallel.
The bypass capacitor should be installed as close to the power terminal as possible for best results, as shown in
Figure 7-1.
7.2 Layout
7.2.1 Layout Guidelines
When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many
cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of
a triple-input AND gate are used. Such unused input pins must not be left unconnected because the undefined
voltages at the outside connections result in undefined operational states. All unused inputs of digital logic
devices must be connected to a logic high or logic low voltage, as defined by the input voltage specifications, to
prevent them from floating. The logic level that must be applied to any particular unused input depends on the
function of the device. Generally, the inputs are tied to GND or VCC, whichever makes more sense for the logic
function or is more convenient.
7.2.2 Layout Example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2Y
GND
V
CC
4B
4A
3B
3A
3Y
GND
V
CC
4Y
1Y
0.1
F
Unused inputs
tied to VCC
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Figure 7-1. Example Layout for the SN74ACT32
SN74ACT32
SCAS530E – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN74ACT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com