Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

076598 Arkusz danych(PDF) 6 Page - Mountz Torque. All Rights Reserved.

Numer części 076598
Szczegółowy opis  SAFEGUARDING AGAINST FASTENING FAILURES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOUNTZ [Mountz Torque. All Rights Reserved.]
Strona internetowa  https://www.mountztorque.com/
Logo MOUNTZ - Mountz Torque. All Rights Reserved.

076598 Arkusz danych(HTML) 6 Page - Mountz Torque. All Rights Reserved.

  076598 Datasheet HTML 1Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 2Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 3Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 4Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 5Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 6Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 7Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 8Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 9Page - Mountz Torque. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MOUNTZ FG PRESET PRECISION
HAND SCREWDRIVER LINEUP
MODEL
ITEM NO.
TORQUE RANGES
LABEL
COLOR
DRIVE
SIZE
LENGTH
WEIGHT
AMERICAN
S.I.
FG-8i
076546
0.8 – 8 lbf.in
9 – 90 cN.m
Blue
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i
076551
0.8 – 8 lbf.in
9 – 90 cN.m
Red
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i
076556
0.8 – 8 lbf.in
9 – 90 cN.m
Green
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i
076561
0.8 – 8 lbf.in
9 – 90 cN.m
Gold
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i
076547
2 – 20 lbf.in
22 – 226 cN.m
Blue
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i
076552
2 – 20 lbf.in
22 – 226 cN.m
Red
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i
076557
2 – 20 lbf.in
22 – 226 cN.m
Green
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i
076562
2 – 20 lbf.in
22 – 226 cN.m
Gold
1/4″ F/Hex
5.2″
7.3 oz.
FG-40i*
076548
4 – 40 lbf.in
0.4 – 4.5 N.m
Blue
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i*
076553
4 – 40 lbf.in
0.4 – 4.5 N.m
Red
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i*
076558
4 – 40 lbf.in
0.4 – 4.5 N.m
Green
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i*
076563
4 – 40 lbf.in
0.4 – 4.5 N.m
Gold
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i*
076549
25 – 125 lbf.in
2.8 – 14.1 N.m
Blue
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i*
076554
25 – 125 lbf.in
2.8 – 14.1 N.m
Red
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i*
076559
25 – 125 lbf.in
2.8 – 14.1 N.m
Green
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i*
076564
25 – 125 lbf.in
2.8 – 14.1 N.m
Gold
1/4″ F/Hex
6.3″
11.5 oz.
*A removable, sliding T-bar is
supplied with FG-40i and
FG-125i models.
Tamper-proof internal
adjustment. No external
adjustment scale—must be
preset using a torque analyzer.
Designed and manufactured to meet or exceed
the accuracy and repeatability requirements of
ISO 6789: 2017 (+/- 6% of setting).
Color coding labels allows for torque setting
identification in manufacturing area.
6



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com