Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

076598 Arkusz danych(PDF) 7 Page - Mountz Torque. All Rights Reserved.

Numer części 076598
Szczegółowy opis  SAFEGUARDING AGAINST FASTENING FAILURES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOUNTZ [Mountz Torque. All Rights Reserved.]
Strona internetowa  https://www.mountztorque.com/
Logo MOUNTZ - Mountz Torque. All Rights Reserved.

076598 Arkusz danych(HTML) 7 Page - Mountz Torque. All Rights Reserved.

  076598 Datasheet HTML 1Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 2Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 3Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 4Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 5Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 6Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 7Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 8Page - Mountz Torque. All Rights Reserved. 076598 Datasheet HTML 9Page - Mountz Torque. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOUNTZ FG-OWC PRESET PRECISION
HAND SCREWDRIVER LINEUP
MODEL
ITEM NO.
TORQUE RANGES
LABEL
COLOR
DRIVE
SIZE
LENGTH
WEIGHT
AMERICAN
S.I.
FG-8i OWC
076586
0.8 – 8 lbf.in
9 – 90 cN.m
Blue
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i OWC
076591
0.8 – 8 lbf.in
9 – 90 cN.m
Red
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i OWC
076596
0.8 – 8 lbf.in
9 – 90 cN.m
Green
1/4″ F/Hex
5.2″
7.3 oz.
FG-8i OWC
076601
0.8 – 8 lbf.in
9 – 90 cN.m
Gold
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i OWC
076587
2 – 20 lbf.in
22 – 226 cN.m
Blue
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i OWC
076592
2 – 20 lbf.in
22 – 226 cN.m
Red
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i OWC
076597
2 – 20 lbf.in
22 – 226 cN.m
Green
1/4″ F/Hex
5.2″
7.3 oz.
FG-20i OWC
076602
2 – 20 lbf.in
22 – 226 cN.m
Gold
1/4″ F/Hex
5.2″
7.3 oz.
FG-40i OWC**
076588
4 – 40 lbf.in
0.4 – 4.5 N.m
Blue
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i OWC**
076593
4 – 40 lbf.in
0.4 – 4.5 N.m
Red
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i OWC**
076598
4 – 40 lbf.in
0.4 – 4.5 N.m
Green
1/4″ F/Hex
6.3″
11.5 oz.
FG-40i OWC**
076603
4 – 40 lbf.in
0.4 – 4.5 N.m
Gold
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i OWC**
076589
25 – 125 lbf.in
2.8 – 14.1 N.m
Blue
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i OWC**
076594
25 – 125 lbf.in
2.8 – 14.1 N.m
Red
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i OWC**
076599
25 – 125 lbf.in
2.8 – 14.1 N.m
Green
1/4″ F/Hex
6.3″
11.5 oz.
FG-125i OWC**
076604
25 – 125 lbf.in
2.8 – 14.1 N.m
Gold
1/4″ F/Hex
6.3″
11.5 oz.
**A removable, sliding T-bar is
supplied with FG-40i OWC and
FG-125i OWC models.
Tamper-proof internal
adjustment. No external
adjustment scale—must be
preset using a torque analyzer.
FG-OWC (ONE WAY-CLUTCH)
A one-way torque clutch system is designed
to apply torque in one direction and remains
positive (no torque control) in the opposite
direction. This allows the tool to be used for
easy screw removal. Ideal for maintenance and
refurbishing applications and where undoing
or loosening screws is required.
Screwdriver is torque limiting and calibrated in
the CW direction only
Designed and manufactured to meet or exceed
the accuracy and repeatability requirements of
ISO 6789: 2017 (+/- 6% of setting).
Color coding labels allows for torque setting
identification in manufacturing area.
7



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com