Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS300T48-5 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części GS300T48-5
Szczegółowy opis  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5 Arkusz danych(HTML) 1 Page - STMicroelectronics

  GS300T48-5 Datasheet HTML 1Page - STMicroelectronics GS300T48-5 Datasheet HTML 2Page - STMicroelectronics GS300T48-5 Datasheet HTML 3Page - STMicroelectronics GS300T48-5 Datasheet HTML 4Page - STMicroelectronics GS300T48-5 Datasheet HTML 5Page - STMicroelectronics GS300T48-5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GS300T48-5
300W DC-DC CONVERTER
June 1994
1/6
Type
Vi
Vo
Io
GS300T48-5
38 to 60 V
5,075 V
60 A
FEATURES
Very high output power (300W)
High efficiency (80% min.)
Parallel operation with current sharing
Synchronization pin
Remote ON/OFF
Remote load voltage sense compensation
Output short-circuit protection
Output overvoltage protection
Thermal protection
Undervoltage lock-out
Minimal overshoot during load transients
500 VDC input to output isolation
Internal input and output filtering
Softstart
PCB or chassis mountable
SELECTION GUIDE
Type
Ordering Number
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
(A)
Dimensions
L
• W • H mm (inches)
GS300T48-5
GS300T48-5E
38 to 60
5.075
60
125
• 66.5 • 20
( 4.92
• 2.62 • 0.79)
The suffix E identifies the metric threading
on the planar heatsink (see fig. 1).
DESCRIPTION
The GS300T48-5 is a 300W DC-DC converters
used to generate a 5.075V isolated output with a
current of 60A from a wide range input voltage (38
to 60V).


Podobny numer części - GS300T48-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hugo Mueller GmbH & Co....
GS3000MOD HUGO-MUELLER-GS3000MOD Datasheet
165Kb / 2P
0-10V / MODBUS SENSORS
logo
List of Unclassifed Man...
GS3001 ETC1-GS3001 Datasheet
83Kb / 5P
Preamp Hybrid for Class D
logo
MPS Industries, Inc.
GS300X MPSIND-GS300X Datasheet
149Kb / 2P
Single ratio (see schematic), thru-hole package
More results

Podobny opis - GS300T48-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
Single output DC-DC converter 50W ~ 300W
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
300W 3Ux8HP DC/DC CompactPCI
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
210 - 300W DC/DC BUS CONVERTER MODULE
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
300W Railway Single Output DC-DC Converter
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
300W DC/DC Power Modules
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
300W DC-DC Converter
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
300W DC-DC Converter
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
300W DC-DC Converter
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
300W DC/DC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com