Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS300T48-5 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części GS300T48-5
Szczegółowy opis  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5 Arkusz danych(HTML) 5 Page - STMicroelectronics

  GS300T48-5 Datasheet HTML 1Page - STMicroelectronics GS300T48-5 Datasheet HTML 2Page - STMicroelectronics GS300T48-5 Datasheet HTML 3Page - STMicroelectronics GS300T48-5 Datasheet HTML 4Page - STMicroelectronics GS300T48-5 Datasheet HTML 5Page - STMicroelectronics GS300T48-5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 3.
Figure 4.
Figure 5.
Figure 6.
5/6
Thermal Characteristics
The case-to-ambient thermal resistance of the
GS300T48-5 module is 5.2
°C/W typical. It may be
decreased, improving the convection cooling, by
mounting an external heatsink to the top of the unit
heatsink (fig. 9).
Six threaded holes, # 4-40 UNC on the standard or
# M3 on the E version, 5 mm (0,2”) maximum deep,
are provided for this purpose (see fig. 1).
GS300T48-5



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com