| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLPR Arkusz danych(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431BQLPR Arkusz danych(HTML) 36 Page - Texas Instruments |
|
36 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431AIDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 T5U TL431AIDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 T5U TL431AIDCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R - Call TI Call TI -40 to 85 TL431AIDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T5U TL431AIDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T5U TL431AIDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 T5U TL431AIDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 T5U TL431AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 431AI TL431AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 431AI TL431AIDRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 85 431AI TL431AILP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AILP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AILPM Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AILPM.A Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AILPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AILPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 85 TL431AI TL431AIPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 85 4B TL431AIPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 85 4B TL431AQDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) TL431AQDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) TL431AQDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) TL431AQDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) TL431AQDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (TAQ3, TAQG, TAQS, TAQU) TL431AQDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQ3, TAQG, TAQS, TAQU) TL431AQDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 TAQS TL431AQDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TAQS Addendum-Page 3 |