| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLPR Arkusz danych(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431BQLPR Arkusz danych(HTML) 43 Page - Texas Instruments |
|
43 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431IPK3 Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 85 3I TL431IPK3.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 85 3I TL431QD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q TL431QD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q TL431QDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) TL431QDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) TL431QDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) TL431QDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) TL431QDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3Q3, T3QG, T3QS, T3QU) TL431QDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (T3Q3, T3QG, T3QS, T3QU) TL431QDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3QS TL431QDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T3QS TL431QDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3QG, T3QS, T3QU) TL431QDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (T3QG, T3QS, T3QU) TL431QDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3QS TL431QDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T3QS TL431QDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T6U TL431QDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 T6U TL431QDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T6U TL431QDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 T6U TL431QDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q TL431QDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q TL431QPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 3Q TL431QPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 3Q Addendum-Page 10 |