Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F101VB Arkusz danych(PDF) 44 Page - STMicroelectronics

Numer części STM32F101VB
Szczegółowy opis  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VB Arkusz danych(HTML) 44 Page - STMicroelectronics

Back Button STM32F101VB Datasheet HTML 40Page - STMicroelectronics STM32F101VB Datasheet HTML 41Page - STMicroelectronics STM32F101VB Datasheet HTML 42Page - STMicroelectronics STM32F101VB Datasheet HTML 43Page - STMicroelectronics STM32F101VB Datasheet HTML 44Page - STMicroelectronics STM32F101VB Datasheet HTML 45Page - STMicroelectronics STM32F101VB Datasheet HTML 46Page - STMicroelectronics STM32F101VB Datasheet HTML 47Page - STMicroelectronics STM32F101VB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
44/101
DocID13586 Rev 17
5.3.6
External clock source characteristics
High-speed external user clock generated from an external source
The characteristics given in Table 19 result from tests performed using an high-speed
external clock source, and under the ambient temperature and supply voltage conditions
summarized in Table 8.
Table 18. Peripheral current consumption
Peripheral
Typical consumption at 25 °C(1)
1.
fHCLK = 36 MHz, fAPB1 = fHCLK/2, fAPB2 = fHCLK, default prescaler value for each peripheral.
Unit
AHB (up to
36 MHz)
DMA1
16.53
μA/MHz
BusMatrix(2)
2. The BusMatrix is automatically active when at least one master is ON.
8.33
APB1 (up to
18 MHz)
APB1-Bridge
10.28
TIM2
32.50
TIM3
31.39
TIM4
31.94
SPI2
4.17
USART2
12.22
USART3
12.22
I2C1
10.00
I2C2
10.00
WWDG
2.50
PWR
1.67
BKP
2.50
IWDG
11.67
APB2 (up to
36 MHz)
APB2-Bridge
3.75
GPIO A
6.67
GPIO B
6.53
GPIO C
6.53
GPIO D
6.53
GPIO E
6.39
ADC1(3)
3. Specific conditions for ADC: fHCLK = 28 MHz, fAPB1 = fHCLK/2, fAPB2 = fHCLK, fADCCLK = fAPB2/2 . When
ADON bit in the ADC_CR2 register is set to 1, the consumption added is equal to 0.65 mA. When the ADC
is enabled, a current consumption is added equal to 0.05 mA.
17.50
SPI1
4.72
USART1
11.94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com