Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F101VB Arkusz danych(PDF) 100 Page - STMicroelectronics

Numer części STM32F101VB
Szczegółowy opis  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VB Arkusz danych(HTML) 100 Page - STMicroelectronics

Back Button STM32F101VB Datasheet HTML 93Page - STMicroelectronics STM32F101VB Datasheet HTML 94Page - STMicroelectronics STM32F101VB Datasheet HTML 95Page - STMicroelectronics STM32F101VB Datasheet HTML 96Page - STMicroelectronics STM32F101VB Datasheet HTML 97Page - STMicroelectronics STM32F101VB Datasheet HTML 98Page - STMicroelectronics STM32F101VB Datasheet HTML 99Page - STMicroelectronics STM32F101VB Datasheet HTML 100Page - STMicroelectronics STM32F101VB Datasheet HTML 101Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 101 page
background image
Revision history
STM32F101x8, STM32F101xB
100/101
DocID13586 Rev 17
19-Apr-2011
14
Updated footnotes below Table 5: Voltage characteristics on page 32 and
Table 6: Current characteristics on page 33
Updated tw min in Table 19: High-speed external user clock
characteristics on page 45
Updated startup time in Table 22: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 48
Added Section 5.3.12: I/O current injection characteristics
Updated Section 5.3.13: I/O port characteristics
15-May-2013
15
Replaced VQFN48 package with UQFN48 in cover page packages,
Table 2: Device features and peripheral counts (STM32F101xx medium-
density access line), Figure 7: STM32F101xx medium-density access line
UVFQPFN48 pinout, Table 4: Medium-density STM32F101xx pin
definitions, Figure 4: STM32F101xx medium-density access line LQFP64
pinout, added Figure 37: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
outline, Table 47: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
mechanical data, Table 52: Ordering information scheme and updated
Table 51: Package thermal characteristics
Updated ‘All GPIOs are high current...’ in Section 2.3.22: GPIOs (general-
purpose inputs/outputs)
Updated Table 4: Medium-density STM32F101xx pin definitions
Corrected Sigma letter in Section 5.1.1: Minimum and maximum values
Updated Table 6: Current characteristics
Added ‘VIN’ in Table 8: General operating conditions
Removed the first sentence in Section 5.3.16: Communications interfaces
Updated first sentence in Output driving current
Added note 5. in Table 23: HSI oscillator characteristics
Updated ‘VIL’ and ‘VIH’ in Table 33: I/O static characteristics
Added notes to Figure 23: Standard I/O input characteristics - CMOS port,
Figure 24: Standard I/O input characteristics - TTL port, Figure 25: 5 V
tolerant I/O input characteristics - CMOS port and Figure 26: 5 V tolerant
I/O input characteristics - TTL port
Updated note 2. in Table 44: ADC accuracy
Updated Figure 29: I2C bus AC waveforms and measurement circuit(1)
Updated note 2. and 3.,removed note “the device must internally...” in
Table 38: I2C characteristics
Updated title of Table 39: SCL frequency (fPCLK1= 36 MHz, VDD_I2C =
3.3 V)
05-Aug-2013
16
Updated the reference for ‘VESD(CDM)’ in Table 30: ESD absolute
maximum ratings
Corrected ‘tf(IO)out’ in Figure 27: I/O AC characteristics definition
Updated Table 46: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
mechanical data
19-Jun-2015
17
Updated Section 6.1: Package mechanical data and Table 18: Peripheral
current consumption.
Table 53. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com