| Zakładka z wyszukiwarką danych komponentów |
|
P2P2012 Arkusz danych(PDF) 9 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2P2012 Arkusz danych(HTML) 9 Page - nVent Electric plc |
|
9 / 12 page ![]() PROLINE G2 INtERNaL COmPONENts Panels and accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 9 Spec-01198 D swING-Out PaNEL aPPLICatION The PROLINE G2 Swing-Out Mounting Subpanel (Mounting Plate) allows a front-mounted subpanel to pivot out of a modular enclosure frame opening. FEatuREs • Panels provide 170 degrees of rotation, with capability to hinge from the right or left side • Spring-loaded pivot post allows for easy installation • Conductive or painted versions available FINIsH Painted versions: • Painted polyester powder paint; white • Custom colors available Bulletin: p40 Standard Product Catalog Number H mm/in. W mm/in. Fits Frame HxW mm Finish P2PSO126 1145 45.1 547 21.5 1200 x 600 Painted P2PSO126G 1145 45.1 547 21.5 1200 x 600 Conductive P2PSO128 1145 45.1 747 29.4 1200 x 800 Painted P2PSO128G 1145 45.1 747 29.4 1200 x 800 Conductive P2PSO146 1345 53.0 547 21.5 1400 x 600 Painted P2PSO146G 1345 53.0 547 21.5 1400 x 600 Conductive P2PSO148 1345 53.0 747 29.4 1400 x 800 Painted P2PSO148G 1345 53.0 747 29.4 1400 x 800 Conductive P2PSO166 1545 60.8 547 21.5 1600 x 600 Painted P2PSO166G 1545 60.8 547 21.5 1600 x 600 Conductive P2PSO168 1545 60.8 747 29.4 1600 x 800 Painted P2PSO168G 1545 60.8 747 29.4 1600 x 800 Conductive P2PSO186 1745 68.7 547 21.5 1800 x 600 Painted P2PSO186G 1745 68.7 547 21.5 1800 x 600 Conductive P2PSO188 1745 68.7 747 29.4 1800 x 800 Painted P2PSO188G 1745 68.7 747 29.4 1800 x 800 Conductive P2PSO206 1945 76.6 547 21.5 2000 x 600 Painted |