Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P2P2012 Arkusz danych(PDF) 5 Page - nVent Electric plc

Numer części P2P2012
Szczegółowy opis  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NVENT [nVent Electric plc]
Strona internetowa  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2P2012 Arkusz danych(HTML) 5 Page - nVent Electric plc

  P2P2012 Datasheet HTML 1Page - nVent Electric plc P2P2012 Datasheet HTML 2Page - nVent Electric plc P2P2012 Datasheet HTML 3Page - nVent Electric plc P2P2012 Datasheet HTML 4Page - nVent Electric plc P2P2012 Datasheet HTML 5Page - nVent Electric plc P2P2012 Datasheet HTML 6Page - nVent Electric plc P2P2012 Datasheet HTML 7Page - nVent Electric plc P2P2012 Datasheet HTML 8Page - nVent Electric plc P2P2012 Datasheet HTML 9Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
5
Spec-01198 D
EZ-LOad GLIdE bLOCks
aPPLICatION
A complete set of PROLINE G2 EZ-Load Glide Blocks is included
with every PROLINE G2 Full Mounting Subpanel and PROLINE G2
Industrial Packages. This set of four additional blocks can be used
if a replacement set is needed.
FEatuREs
•
Can be used to load a subpanel vertically from the front, rear or
side.
•
Can be used to load a subpanel while it is horizontal (i.e. on a
table).
•
Ensures subpanel is securely bolted to the frame in all four
corners.
sPECIFICatIONs
•
For vertical front loading, the front glide blocks use the frame
rails as a guide. Shaped to fit over the frame rails, the glide
blocks ensure the subpanel inserts smoothly and easily into the
desired location within the enclosure.
•
The rear glide blocks can be attached to the enclosure prior to
the subpanel insertion, so the end position of the subpanel can
easily and accurately predetermined.
•
For horizontal loading, the frame can be lowered over the
mounting subpanel . In this configuration the load of the
subpanel is in a safe, static state. The EZ-Load Glide Blocks can
then be easily fastened to the frame and subpanel.
•
If the subpanel is used in the rearmost position, the rear glide
blocks will not be used.
•
If two subpanels are used in the enclosure in a back-to-back
position the rear glide blocks will not be used.
•
Made from a high performing glass re-enforced polymer
•
Attaches to the frame using BV-M6 fasteners; attaches to the
subpanel using hex bolts.
•
Mounting hardware included
Bulletin: p40
Catalog Number
Description
Pkg. Qty.
P2AGBHK
EZ-LOAD Glide Blocks
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12