Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L3234 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L3234
Szczegółowy opis  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 4Page - STMicroelectronics L3234 Datasheet HTML 5Page - STMicroelectronics L3234 Datasheet HTML 6Page - STMicroelectronics L3234 Datasheet HTML 7Page - STMicroelectronics L3234 Datasheet HTML 8Page - STMicroelectronics L3234 Datasheet HTML 9Page - STMicroelectronics L3234 Datasheet HTML 10Page - STMicroelectronics L3234 Datasheet HTML 11Page - STMicroelectronics L3234 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ELECTRICAL CHARACTERISTICS (Test conditions: V100 = +100V, VCC = +5V, Tamb =25
°C, unless oth-
erwise specified)
Note: Testing of all parameter is performed at 25
°C. Characterisation, as well as the design rule used al-
low correlation of tested performance with actual performances at other temperatures. All pa-
rameters listed here are met in the range 0
°C to +70°C. For applications requiring operations in
the standard temperature range (0
°Cto 70°C) use L3234. If operations are required in the ex-
tended temperature range (-40
°Cto 85°C), use the L3234T.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig
STAND BY MODE: CS = ”0”
IS (V100)
IS (VCC)
Consumption
VA = 950mVrms; 50Hz
45
560
100
800
µA
µA
VSOUT1
VSOUT2
DC Output Voltage
VA = 950mVrms; 50Hz
92
6V
V
ZSOUT1
ZSOUT2
Output Impedance
70
70
k
k
6
ZOUT Matching
15
%
THD
Harmonic Distortion During
Emission
VLINE < 6dBm; f = 1kHz
-46
-40
dB
7
RINGING PHASE: CS = ”1”
DC OPERATION
IR (V100)
IR (VCC)
Consumption
ZLINE =
VA = 950mVrms; 50Hz
2.5
2.2
5
3
mA
mA
VROUT1
VROUT2
DC Output Voltage
VA = 0V
44
44
56
56
V
V
VIH
IIH (CS = 0)
Threshold Voltage on the
Logical Input CS
VA = 950mVrms; 50Hz
2.0
1
V
µA
8
VIL
IIL (CS = 0)
0.8
1
V
µA
Ilim
DC Line Current Limitation
VA = 0V
70
150
mA
12
AC OPERATION
VOUT1/VA
VOUT2/VA
Ringing Gain
ZLINE = 2.2
µF+ 1kΩ
VA = 0dBm
29.5
29.5
30
30
dB
dB
9
VOUT1-VOUT1
Ringing Signal
ZLINE = 2.2
µF+ 1kΩ
VA = 950mVrms; 50Hz
57
60
Vrms
9
THD VLINE
Harmonic Distortion
VA = 950mVrms; 50Hz
5
%
ZIN (VA)
Input Impedance
VA = 950mVrms; 50Hz
40
k
10
ZOUT
Differential Output Impedance
ILINE < 50mArms
20
11
TEST CIRCUITS
Figure 6.
L3234 - L3235
8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com