| Zakładka z wyszukiwarką danych komponentów |
|
L4981 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4981 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 17 page ![]() ELECTRICAL CHARACTERISTICS (continued) Symbol Parameter Test Condition Min. Typ. Max. Unit SUPPLY VOLTAGE VCC Operating Supply Voltage 19.5 V OVER VOLTAGE PROTECTION COMPARATOR Vthr Rising Threshold Voltage Vref -20mV 5.1 Vref +20mV V V3Hys Hysteresis 180 250 320 mV I3 Input Bias Current 0.05 1 µA td Propagation delay to output VOVP =Vthr +100mV 1 2 µs OVER CURRENT PROTECTION COMPARATOR Vth Threshold Voltage ±30 mV td Propagation delay to Output VOCP =Vthr -0.2V 0.4 0.9 µs Iipk Current Source Generator VIPK = -0.1V only for L4981A 65 85 105 µA IL Leakage Current VIPK = -0.1V only for L4981B 5 µA CURRENT AMPLIFIER SECTION Voffset Input Offset Voltage VMULT OUT =VSENSE = 3.5V ±2mV I9bias Input Bias Current VSENSE = 0V -500 50 500 nA Open Loop Gain 1.1V ≤ VCA OUT ≤ 6V 70 100 dB SVR Supply Voltage Rejection 12V ≤ VCC ≤ 19V VMULT OUT = 3.5V VSENSE = 3.5V 68 90 dB V5H Output High Voltage VMULT OUT = 200mV ICA OUT = -0.5mA, VIAC =0V 6.2 V V5L Output Low Voltage VMULT OUT = -200mV ICA OUT = 0.5mA, VIAC =0V 0.9 V -I5 Output Source Current VMULT OUT = 200mV, VIAC = 0V, VCA-OUT = 3.5V 210 mA I5 Output Sink Current 2 10 mA OUTPUT SECTION V20L Output Voltage Low ISINK = 250mA 0.5 0.8 V V20H Output Voltage High ISOURCE = 250mA VCC = 15V 11.5 12.5 V tr Output Voltage Rise Time COUT = 1nF 50 150 ns tf Output Voltage Fall Time COUT = 1nF 30 100 ns VGDRV Voltage Clamp ISOURCE = 0mA 13 16 19 V TOTAL STANDBY CURRENT SECTION I19start Supply Current before start up VCC = 14V 0.3 0.5 mA I19on Supply Current after turn on VIAC =0V, VCOSC =0, Pin17 = Open 812 mA I19 Operating Supply Current Pin20 = 1nF 12 16 mA VCC Zener Voltage (*) 20 25 30 V UNDER VOLTAGE LOCKOUT SECTION Vth ON Turn on Threshold 14.5 15.5 16.5 V Vth OFF Turn off Threshold 9 10 11 V Programmable Turn-on Threshold Pin 15 to VCC = 220K Pin15 to GND = 33K 10.6 12 13.4 V LOAD FEED FORWARD ILFF Bias Current V6 = 1.6V 70 140 µA V6 = 5.3V 200 300 µA VI Input Voltage Range 1.6 5.3 V (*) Maximum package power dissipation limits must be observed. L4981A - L4981B 5/17 |