Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L4P5CEU6P Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części STM32L4P5CEU6P
Szczegółowy opis  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 49Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 50Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 51Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 52Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 53Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 54Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 55Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 56Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 311 page
background image
DS12903 Rev 2
53/311
STM32L4P5xx
Functional overview
64
3.30
Random number generator (RNG)
All devices embed an RNG that delivers 32-bit random numbers generated by an integrated
analog circuit.
3.31
Parallel synchronous slave interface (PSSI)
The PSSI is a generic synchronous 8-/16-bit parallel data input/output slave interface. It
allows the transmitter to send a data valid signal to indicate when the data is valid, and the
receiver to output a flow control signal to indicate when it is ready to sample the data.
The PSSI main features are:
•
The PSSI shares most of the circuitry with the digital camera interface (DCMI). It thus
cannot be used simultaneously with the DCMI.
•
Slave mode operation
•
8- or 16-bit parallel data input or output
•
4-word (16-byte) FIFO
•
Data enable (DE) alternate function input and Ready (RDY) alternate function output.
When enabled, these signals can either allow the transmitter to indicate when the data
is valid or the receiver to indicate when it is ready to sample the data, or both.
3.32
HASH hardware accelerator (HASH)
The hash processor is a fully compliant implementation of the secure hash algorithm (SHA-
1, SHA-224, SHA-256), the MD5 (message-digest algorithm 5) hash algorithm and the
HMAC (keyed-hash message authentication code) algorithm suitable for a variety of
applications.
It computes a message digest (160 bits for the SHA-1 algorithm, 256 bits for the SHA-256
algorithm and 224 bits for the SHA-224 algorithm,128 bits for the MD5 algorithm) for
messages of up to (264 - 1) bits, while the HMAC algorithms provide a way of authenticating
messages by means of hash functions. The HMAC algorithms consist in calling the SHA-1,
SHA-224, SHA-256 or MD5 hash function twice.
3.33
Timers and watchdogs
The devices include two advanced control timers, up to nine general-purpose timers, two
basic timers, two low-power timers, two watchdog timers and a SysTick timer.
Table 10 below compares the features of the advanced control, general-purpose and basic
timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com