Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L4P5CEU6P Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części STM32L4P5CEU6P
Szczegółowy opis  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 25Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 26Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 27Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 28Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 29Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 30Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 31Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 32Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 311 page
background image
DS12903 Rev 2
29/311
STM32L4P5xx
Functional overview
64
Stop 1
LPR
No
Off
ON
LSE
LSI
BOR, PVD, PVM
RTC, IWDG
COMPx (x=1,2)
DAC1
OPAMPx (x=1,2)
USARTx (x=1...5)(6)
LPUART1(6)
I2Cx (x=1...4)(7)
LPTIMx (x=1,2)
***
All other peripherals are
frozen
Reset pin, all I/Os
BOR, PVD, PVM
RTC, IWDG
COMPx (x=1..2)
USARTx
(x=1...5)(6)
LPUART1(6)
I2Cx (x=1...4)(7)
LPTIMx (x=1,2)
OTG_FS(8)
Stop 2
LPR
No
Off
ON
LSE
LSI
BOR, PVD, PVM
RTC, IWDG
COMPx (x=1..2)
I2C3(7)
LPUART1(6)
LPTIMx (x=1,2)
***
All other peripherals are
frozen
Reset pin, all I/Os
BOR, PVD, PVM
RTC, IWDG
COMPx (x=1..2)
I2C3(7)
LPUART1(6)
LPTIMx (x=1,2)
Standby
LPR
Powered
Off
Off
SRAM2
ON
LSE
LSI
BOR, RTC, IWDG
***
All other peripherals are
powered off
***
I/O configuration can be
floating, pull-up or pull-
down
Reset pin
5 I/Os (WKUPx)(9)
BOR, RTC, IWDG
OFF
Powered
Off
Shutdown
OFF
Powered
Off
Off
Powered
Off
LSE
RTC
***
All other peripherals are
powered off
***
I/O configuration can be
floating, pull-up or pull-
down(10)
Reset pin
5 I/Os (WKUPx)(9)
RTC
1. LPR means Main regulator is OFF and Low-power regulator is ON.
2. All peripherals can be active or clock gated to save power consumption.
3. The Flash memory can be put in power-down and its clock can be gated off when executing from SRAM.
4. The SRAM1, SRAM2 and SRAM3 clocks can be gated on or off independently.
5. SMPS mode can be used in Stop 0 mode, but no significant power gain can be expected.
6. U(S)ART and LPUART reception is functional in Stop mode, and generates a wakeup interrupt on Start, address match or
received frame event.
7. I2C address detection is functional in Stop mode, and generates a wakeup interrupt in case of address match.
8. OTG_FS wakeup by resume from suspend and attach detection protocol event.
Table 4. STM32L4P5xx modes overview (continued)
Mode
Regulator(1)
CPU
Flash
SRAM
Clocks
DMA and peripherals(2)
Wakeup source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com