Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV601 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części DRV601
Szczegółowy opis  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button DRV601 Datasheet HTML 3Page - Texas Instruments DRV601 Datasheet HTML 4Page - Texas Instruments DRV601 Datasheet HTML 5Page - Texas Instruments DRV601 Datasheet HTML 6Page - Texas Instruments DRV601 Datasheet HTML 7Page - Texas Instruments DRV601 Datasheet HTML 8Page - Texas Instruments DRV601 Datasheet HTML 9Page - Texas Instruments DRV601 Datasheet HTML 10Page - Texas Instruments DRV601 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
20
20k
50 100
500 1k
2k
5k
f-frequency-Hz
0.001
10
0.01
0.1
1
V
=3.3V,
R =600
,
2Vrms
DD
L
W
20
20k
50 100
500
1k
2k
5k
f-frequency-Hz
0.001
10
0.01
0.1
1
V
=3.3V,
R =600
,
200mVrms
DD
L
W
0
10
2
4
6
8
0
4.5
0.5
1
1.5
2
2.5
3
3.5
V
-SupplyVoltage-V
DD
R =600
,
NoLoad
L
W
-140
0
-120
-100
-80
-60
-40
-20
0
20k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
G=-60dB
DD
L
W
3
7
3.5
4
4.5
5
5.5
6
6.5
20
100k
100
1k 2k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
2Vrms
DD
L
W
-200
0
-175
-150
-125
-100
-75
-50
-25
20
100k
100
1k 2k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
2Vrms
DD
L
W
DRV601
SLOS553 – JANUARY 2008
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
QUIESCENT SUPPLY CURRENT
vs
vs
vs
FREQUENCY
FREQUENCY
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Figure 9.
FFT
GAIN
PHASE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
7
Product Folder Link(s): DRV601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com