Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M58LR128KB855 Arkusz danych(PDF) 74 Page - Numonyx B.V

Numer części M58LR128KB855
Szczegółowy opis  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NUMONYX [Numonyx B.V]
Strona internetowa  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Arkusz danych(HTML) 74 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 70Page - Numonyx B.V M58LR128KB855 Datasheet HTML 71Page - Numonyx B.V M58LR128KB855 Datasheet HTML 72Page - Numonyx B.V M58LR128KB855 Datasheet HTML 73Page - Numonyx B.V M58LR128KB855 Datasheet HTML 74Page - Numonyx B.V M58LR128KB855 Datasheet HTML 75Page - Numonyx B.V M58LR128KB855 Datasheet HTML 76Page - Numonyx B.V M58LR128KB855 Datasheet HTML 77Page - Numonyx B.V M58LR128KB855 Datasheet HTML 78Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
Block address tables
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
74/111
Appendix A
Block address tables
The following set of equations can be used to calculate a complete set of block addresses
for the M58LRxxxKT/B using the information contained in Tables 33 to 41.
To calculate the block base address from the block number:
First it is necessary to calculate the bank number and the block number offset. This can be
achieved using the following formulas:
Bank_Number = (Block_Number
−3) / 8
Block_Number_Offset = Block_Number
−3 −(Bank_Number x 8),
If Bank_Number= 0, the block base address can be directly read from Tables 33 and 39
(parameter bank block addresses) in the address range column, in the row that corresponds
to the given block number.
Otherwise:
Block_Base_Address = Bank_Base_Address + Block_Base_Address_Offset
To calculate the bank number and the block number from the block base address:
If the address is in the range of the parameter bank, the Bank Number is 0 and the Block
Number can be directly read from Tables 33 and 39 (parameter bank Block Addresses), in
the Block Number column, in the row that corresponds to the address given. Otherwise, the
Block Number can be calculated using the formulas below:
For the top configuration (M58LR256KT and M58LR128KT):
Block_Number = ((NOT address) / 216) + 3
For the bottom configuration (M58LR256KB and M58LR128KB):
Block_Number = (address / 216) + 3
For both configurations the Bank Number and the Block Number Offset can be calculated
using the following formulas:
Bank_Number = (Block_Number
−3) / 8
Block_Number_Offset = Block_Number
−3 −(Bank_Number x 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More