| Zakładka z wyszukiwarką danych komponentów |
|
STM32F103X8 Arkusz danych(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103X8 Arkusz danych(HTML) 44 Page - STMicroelectronics |
|
44 / 84 page ![]() Electrical characteristics STM32F103xx 44/84 Low-speed external user clock The characteristics given in Table 20 result from tests performed using an low-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 7. Figure 18. High-speed external clock source AC timing diagram Table 20. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) 1. Value based on design simulation and/or technology characteristics. It is not tested in production. 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD VDD V VLSEL OSC32_IN input pin low level voltage VSS 0.3VDD tw(LSE) tw(LSE) OSC32_IN high or low time(1) 450 ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) 5 IL OSC32_IN Input leakage current VSS ≤VIN ≤VDD ±1 µA ai14143 OSC _IN EXTER NAL STM32F103xx CLOCK SOURC E VHSEH tf(HSE) tW(HSE) IL 90% 10% THSE t tr(HSE) tW(HSE) fHSE_ext VHSEL |