Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

30V Arkusz danych(PDF) 2 Page - HUAAN LIMITED

Numer części 30V
Szczegółowy opis  30V Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUAAN [HUAAN LIMITED]
Strona internetowa  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED

30V Arkusz danych(HTML) 2 Page - HUAAN LIMITED

  30V Datasheet HTML 1Page - HUAAN LIMITED 30V Datasheet HTML 2Page - HUAAN LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30V Series
Resettable Fuse PTC 30V Series
Electrical characteristics(25℃)
Part Number
I Hold
I Trip
Vmax
Imax
Pd
Max
Maximum Time to
Trip
Nominal
resistance(mΩ) Certification
Delivery Time
A
A
DC
A
W
Current
A)
Time
S)
Rmin
Rmax
UL TUV
in stock Produce
JK30-050
0.50
1.0
30V
40
0.5
2.5
5.0
250
600
-
3days 14days
JK30-075
0.75
1.5
30V
40
0.6
3.75
5.0
200
370
3days 14days
JK30-090
0.90
1.8
30V
40
0.7
4.5
8.0
100
220
3days 14days
JK30-110
1.10
2.2
30V
40
0.7
5.5
8.0
70
200
3days 14days
JK30-120
1.20
2.4
30V
40
0.8
6.0
8.0
80
180
-
3days 14days
JK30-135
1.35
2.7
30V
40
0.8
6.75
8.0
70
160
3days 14days
JK30-160
1.60
3.2
30V
40
0.9
8.0
8.0
60
140
3days 14days
JK30-185
1.85
3.7
30V
40
1.0
9.25
8.0
50
120
3days 14days
JK30-200
2.00
4.0
30V
40
1.2
10.0
11
40
100
3days 14days
JK30-250
2.50
5.0
30V
40
1.2
12.5
11
30
80
3days 14days
JK30-300
3.00
6.0
30V
40
2.0
15.0
11
30
70
3days 14days
JK30-400
4.00
8.0
30V
40
2.5
20.0
12.7
10
60
3days 14days
JK30-500
5.00
10
30V
40
3.0
25.0
14.5
10
50
3days 14days
JK30-600
6.00
12
30V
40
3.5
30.0
16
5
40
3days 14days
JK30-700
7.00
14
30V
40
3.8
35.0
17.5
5
30
3days 14days
JK30-800
8.00
16
30V
40
4.0
40.0
18.8
5
25
3days 14days
JK30-900
9.00
18
30V
40
4.2
40.0
20
5
20
3days 14days
IHold=Hold current:maximum current at which the device will not trip at 25℃ still air.
ITrip=Trip current:minimum current at which the device will nalways at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand tithout damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pd=Typical power dissipation:typical amount of power dissipated by the decice when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
Rmax=Maximum device resistance at 25℃ prior to tripping.
For your download speed,we just uploaded a simple 30V datasheet
If you need our detailed 30V datasheet,Pls email us for a request
Our email is : sales@huaandz.com
or
abc0734@126.com
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com