| Zakładka z wyszukiwarką danych komponentów |
|
CFC100 Arkusz danych(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CFC100 Arkusz danych(HTML) 3 Page - Clarke International |
|
3 / 12 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com GENERAL SAFETY RULES 1. Always read instructions before setting up the equipment and before use. 2. Always inspect the crane before use to ensure it is correctly assembled and in good condition, and replace any damaged or worn parts. 3. When replacing parts, use only those supplied by Clarke International. 4. Never exceed the safe working load capacities specified on the jib for each position (as marked on the jib). IMPORTANT: If the load capacity label becomes worn or illegible, contact Clarke Parts and service department, on 0208 988 7400 for a replacement. 5. Only use chains, slings, hooks etc. with a rated capacity equal to, or greater than that of the load. Check that they are secure and will not slip under load. 6. Only use the crane on a flat, solid, level surface that is capable of bearing the weight of the load. 7. Lower the load as much as possible before moving the crane. Do not use the crane to transport loads. 8. Use appropriate safety equipment, such as protective footwear, when using this crane. 9. Ensure the crane operator is trained in both operation and safety aspects. 10. Do not allow the load to swing or drop suddenly. 11. If the crane has been subjected to an abnormal load or shock, it should be removed from service immediately and fully inspected by qualified personnel. 12. Ensure that the crane is properly maintained and lubricated at all times, and that corrosion is not allowed to weaken any component. 13. Do not use around children or untrained persons. 14. This is a heavy item. Take care when moving. 15. Do not use this crane to lift people. 16. Do not work under any suspended load. WARNING: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN PERSONAL INJURY, AND/OR DAMAGE TO PROPERTY. |