| Zakładka z wyszukiwarką danych komponentów |
|
M58WR128EBZB Arkusz danych(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR128EBZB Arkusz danych(HTML) 26 Page - STMicroelectronics |
|
26 / 87 page ![]() M58WR128ET, M58WR128EB 26/87 CONFIGURATION REGISTER The Configuration Register is used to configure the type of bus access that the memory will per- form. Refer to Read Modes section for details on read operations. The Configuration Register is set through the Command Interface. After a Reset or Power-Up the device is configured for asynchronous page read (CR15 = 1). The Configuration Register bits are described in Table 9. They specify the selec- tion of the burst length, burst type, burst X latency and the Read operation. Refer to Figures 6 and 7 for examples of synchronous burst configurations. Read Select Bit (CR15) The Read Select bit, CR15, is used to switch be- tween asynchronous and synchronous Bus Read operations. When the Read Select bit is set to ’1’, read operations are asynchronous; when the Read Select bit is set to ’0’, read operations are synchronous. Synchronous Burst Read is support- ed in both parameter and main blocks and can be performed across banks. On reset or power-up the Read Select bit is set to’1’ for asynchronous access. X-Latency Bits (CR13-CR11) The X-Latency bits are used during Synchronous Read operations to set the number of clock cycles between the address being latched and the first data becoming available. For correct operation the X-Latency bits can only assume the values in Ta- ble 9, Configuration Register. The correspondence between X-Latency settings and the maximum sustainable frequency must be calculated taking into account some system pa- rameters. Two conditions must be satisfied: 1. Depending on whether tAVK_CPU or tDELAY is supplied either one of the following two equations must be satisfied: (n + 1) tK ≥ tACC - tAVK_CPU + tQVK_CPU (n + 2) tK ≥ tACC + tDELAY + tQVK_CPU 2. and also tK > tKQV + tQVK_CPU where n is the chosen X-Latency configuration code tK is the clock period tAVK_CPU is clock to address valid, L Low, or E Low, whichever occurs last tDELAY is address valid, L Low, or E Low to clock, whichever occurs last tQVK_CPU is the data setup time required by the system CPU, tKQV is the clock to data valid time tACC is the random access time of the device. Refer to Figure 6, X-Latency and Data Output Configuration Example. Wait Polarity Bit (CR10) In synchronous burst mode the Wait signal indi- cates whether the output data are valid or a WAIT state must be inserted. The Wait Polarity bit is used to set the polarity of the Wait signal. When the Wait Polarity bit is set to ‘0’ the Wait signal is active Low. When the Wait Polarity bit is set to ‘1’ the Wait signal is active High (default). Data Output Configuration Bit (CR9) The Data Output Configuration bit determines whether the output remains valid for one or two clock cycles. When the Data Output Configuration Bit is ’0’ the output data is valid for one clock cycle, when the Data Output Configuration Bit is ’1’ the output data is valid for two clock cycles. The Data Output Configuration depends on the condition: s tK > tKQV + tQVK_CPU where tK is the clock period, tQVK_CPU is the data setup time required by the system CPU and tKQV is the clock to data valid time. If this condition is not satisfied, the Data Output Configuration bit should be set to ‘1’ (two clock cycles). Refer to Figure 6, X-Latency and Data Output Configuration Exam- ple. Wait Configuration Bit (CR8) In burst mode the Wait bit controls the timing of the Wait output pin, WAIT. When WAIT is asserted, Data is Not Valid and when WAIT is deasserted, Data is Valid. When the Wait bit is ’0’ the Wait out- put pin is asserted during the wait state. When the Wait bit is ’1’ (default) the Wait output pin is assert- ed one clock cycle before the wait state. Burst Type Bit (CR7) The Burst Type bit is used to configure the se- quence of addresses read as sequential or inter- leaved. When the Burst Type bit is ’0’ the memory outputs from interleaved addresses; when the Burst Type bit is ’1’ (default) the memory outputs from sequential addresses. See Tables 10, Burst Type Definition, for the sequence of addresses output from a given starting address in each mode. Valid Clock Edge Bit (CR6) The Valid Clock Edge bit, CR6, is used to config- ure the active edge of the Clock, K, during Syn- chronous Burst Read operations. When the Valid Clock Edge bit is ’0’ the falling edge of the Clock is the active edge; when the Valid Clock Edge bit is ’1’ the rising edge of the Clock is active. Wrap Burst Bit (CR3) The burst reads can be confined inside the 4 or 8 Word boundary (wrap) or overcome the boundary |