Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M58WR128EBZB Arkusz danych(PDF) 27 Page - STMicroelectronics

Numer części M58WR128EBZB
Szczegółowy opis  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EBZB Arkusz danych(HTML) 27 Page - STMicroelectronics

Back Button M58WR128EBZB Datasheet HTML 23Page - STMicroelectronics M58WR128EBZB Datasheet HTML 24Page - STMicroelectronics M58WR128EBZB Datasheet HTML 25Page - STMicroelectronics M58WR128EBZB Datasheet HTML 26Page - STMicroelectronics M58WR128EBZB Datasheet HTML 27Page - STMicroelectronics M58WR128EBZB Datasheet HTML 28Page - STMicroelectronics M58WR128EBZB Datasheet HTML 29Page - STMicroelectronics M58WR128EBZB Datasheet HTML 30Page - STMicroelectronics M58WR128EBZB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
27/87
M58WR128ET, M58WR128EB
(no wrap). The Wrap Burst bit is used to select be-
tween wrap and no wrap. When the Wrap Burst bit
is set to ‘0’ the burst read wraps; when it is set to
‘1’ the burst read does not wrap.
Burst length Bits (CR2-CR0)
The Burst Length bits set the number of Words to
be output during a Synchronous Burst Read oper-
ation as result of a single address latch cycle.
They can be set for 4 words, 8 words, 16 words or
continuous burst, where all the words are read se-
quentially.
In continuous burst mode the burst sequence can
cross bank boundaries.
In continuous burst mode, in 4, 8 words no-wrap,
or in 16 words, depending on the starting address,
the device asserts the WAIT output to indicate that
a delay is necessary before the data is output.
If the starting address is aligned to a 4 word
boundary no wait states are needed and the WAIT
output is not asserted.
If the starting address is shifted by 1, 2 or 3 posi-
tions from the four word boundary, WAIT will be
asserted for 1, 2 or 3 clock cycles when the burst
sequence crosses the first 64 word boundary, or
the 16 word boundary in the case of 16-word wrap
burst, to indicate that the device needs an internal
delay to read the successive words in the array.
WAIT will be asserted only once during a continu-
ous burst access. See also Table 10, Burst Type
Definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87