Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7910BAASC5 Arkusz danych(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7910BAASC5
Szczegółowy opis  300 mA, Ultra-Low Noise, Low-IQ LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7910BAASC5 Arkusz danych(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7910BAASC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAASC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev 3.2
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7910• Rev. 3.2
DIO7910
300 mA, Ultra-Low Noise, Low-IQ LDO
Features
Operating input voltage range: 1.6 V to
5.5 V
Output voltage range: 0.8 V to 3.3 V
Output current: 300 mA
Ultra-low quiescent current: 25 µA typ.
Dropout voltage : 170 mV at IOUT = 300 mA,
VOUT = 2.8 V
PSRR: 75 dB at 1 kHz, IOUT = 20 mA
Output voltage tolerance: ±1%
Stable with ceramic capacitors 1 µF
Thermal-overload protection
Short-circuit protection
Quick output discharge:
DIO7910A: available
DIO7910B: not available
Available in small DFN1*1-4, SOT23-5,
DFN0.8*0.8-4, SC70-5, and DFN2*2-6
packages
These devices are Pb−free, halogen free /
BFR free, and RoHS compliant
Applications
MP3/MP4 players
Cellphones, radiophones, digital cameras
Bluetooth, wireless handsets
Others portable electronics devices
Descriptions
The DIO7910 series is a high-accuracy,
low-noise,
high-speed,
high-PSRR,
and
low-dropout CMOS linear regulator with high
ripple rejection. The device offers a new level of
cost-effective performance in cellular phones,
laptop and notebook computers, and other
portable devices.
The DIO7910 has the fold-back maximum
output current that depends on the output
voltage. So the current limit functions both as a
short-circuit protection and as an output
current limiter.
The device is available in DFN1*1-4, SOT23-5,
DFN0.8*0.8-4, SC70-5, and DFN2*2-6 packages.
Typical Applications


Podobny numer części - DIO7910BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910Q DIOO-DIO7910Q Datasheet
1Mb / 11P
300 mA, Ultra-Low-Noise, Low-IQ LDO
Rev 1.3
DIO7910QA12CN4 DIOO-DIO7910QA12CN4 Datasheet
1Mb / 11P
300 mA, Ultra-Low-Noise, Low-IQ LDO
Rev 1.3
DIO7910QA12EN4 DIOO-DIO7910QA12EN4 Datasheet
1Mb / 11P
300 mA, Ultra-Low-Noise, Low-IQ LDO
Rev 1.3
DIO7910QA12ST5 DIOO-DIO7910QA12ST5 Datasheet
1Mb / 11P
300 mA, Ultra-Low-Noise, Low-IQ LDO
Rev 1.3
DIO7910QB12CN4 DIOO-DIO7910QB12CN4 Datasheet
1Mb / 11P
300 mA, Ultra-Low-Noise, Low-IQ LDO
Rev 1.3
More results

Podobny opis - DIO7910BAASC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20 Datasheet
450Kb / 24P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com