Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAAST5 Arkusz danych(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAAST5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAAST5 Arkusz danych(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
9.3. Adjustable device feedback resistors
Figure 8 shows that the output voltage of the DIO7915 can be adjusted from 0.6 V to 5.5 V by using a
resistor divider network.
The adjustable version DIO7915 requires external feedback divider resistors to set the output voltage. The
feedback divider resistors, R1 and R2 set the VOUT, according to the following equation:
VOUT = VFB × (1 + R1/R2)
(1)
Setting the feedback divider current to 100 × the FB pin current listed in the Electrical Characteristics table
can ignore the FB pin current error term in the VOUT equation, which provides the maximum feedback
divider series resistance, as shown in the following equation:
R1 + R2 ≤ VOUT / (IFB × 100)
(2)
Table 1. Recommended resistors for DIO7915 (Adjustable version)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
0.6
0
Float
0.7
2
12
1.2
10
10
1.8
20
10
2.8
30
8.2
3.3
10
2.2
5
22
3
5.5
18
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com