Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BAAST5 Arkusz danych(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BAAST5
Szczegółowy opis  300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7915BAAST5 Arkusz danych(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7915BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7915BAAST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DIO7915
Version 1.1, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
SOT23-5
132
°C/W
DFN2×2-6
157
DFN1×1-4
220
RθJC
Junction-to-case thermal resistance
SOT23-5
52
°C/W
DFN2×2-6
71
DFN1×1-4
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com