| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZEJQ1 Arkusz danych(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Arkusz danych(HTML) 57 Page - Texas Instruments |
|
57 / 218 page ![]() Table 5-9. CPSW0 RGMII2 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] RGMII2_RD0 I RGMII Receive Data 0 K17 N17 K14 M18 RGMII2_RD1 I RGMII Receive Data 1 K18 N19 H14 L19 RGMII2_RD2 I RGMII Receive Data 2 J18 M18 G16 K19 RGMII2_RD3 I RGMII Receive Data 3 J17 M20 J14 L17 RGMII2_TD0 O RGMII Transmit Data 0 M16 P20 J15 N18 RGMII2_TD1 O RGMII Transmit Data 1 M15 P19 J16 N19 RGMII2_TD2 O RGMII Transmit Data 2 H17 K20 F15 H19 RGMII2_TD3 O RGMII Transmit Data 3 H16 L19 G14 H18 Table 5-10. CPSW0 RMII1 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] RMII1_CRS_DV I RMII Carrier Sense / Data Valid D17, P18 E19, U19 L13 R17 RMII1_REF_CLK IO RMII Reference Clock E16, R17 F19, W20 E13, P16 D19, V19 RMII1_RX_ER I RMII Receive Data Error F15, R18 F20, V19 M14 E18, U17 RMII1_TX_EN O RMII Transmit Enable A17, M18 E18, T20 M16 A18, T19 RMII1_RXD0 I RMII Receive Data 0 F18, U17 H20, Y18 D14, P14 G18, W17 RMII1_RXD1 I RMII Receive Data 1 G16, T17 H19, W18 D16, P15 F18, V17 RMII1_TXD0 O RMII Transmit Data 0 B18, P16 F17, V18 N15 D18, U18 RMII1_TXD1 O RMII Transmit Data 1 B17, P17 D20, V20 N16 C18, U19 Table 5-11. CPSW0 RMII2 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] RMII2_CRS_DV I RMII Carrier Sense / Data Valid G18 J20 E16 J18 RMII2_REF_CLK IO RMII Reference Clock K15 N20 H15 L18 RMII2_RX_ER I RMII Receive Data Error G17 K19 F14 G17 RMII2_TX_EN O RMII Transmit Enable L16 P18 H16 M19 RMII2_RXD0 I RMII Receive Data 0 K17 N17 K14 M18 RMII2_RXD1 I RMII Receive Data 1 K18 N19 H14 L19 RMII2_TXD0 O RMII Transmit Data 0 M16 P20 J15 N18 RMII2_TXD1 O RMII Transmit Data 1 M15 P19 J16 N19 Table 5-12. CPSW0 MII1 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] MII1_COL I MII Collision Detected C18, P15 E20, W17 T15 W16 MII1_CRS I MII Carrier Sense D17, R16 E19, Y17 R15 V16 MII1_RXCLK I MII Receive Clock E16, R17 F19, W20 E13, P16 D19, V19 MII1_RXDV I MII Receive Data Valid F16, R18 G19, V19 D15, M14 E19, U17 MII1_RX_ER I MII Receive Data Error F15, T16 F20, Y16 T14 E18, W15 MII1_TXCLK I MII Transmit Clock C16, N18 B20, U20 L15 B18, R18 MII1_TX_EN O MII Transmit Enable A17, M18 E18, T20 M16 A18, T19 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |