| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZEJQ1 Arkusz danych(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Arkusz danych(HTML) 62 Page - Texas Instruments |
|
62 / 218 page ![]() Table 5-31. GPIO Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] GPIO19 IO General Purpose Input/Output A9 A11 C10 A11 GPIO100 IO General Purpose Input/Output M15 P19 J16 N19 GPIO101 IO General Purpose Input/Output H17 K20 F15 H19 GPIO102 IO General Purpose Input/Output H16 L19 G14 H18 GPIO103 IO General Purpose Input/Output F15 F20 E18 GPIO104 IO General Purpose Input/Output C18 E20 GPIO105 IO General Purpose Input/Output D17 E19 GPIO106 IO General Purpose Input/Output D18 G18 C19 GPIO107 IO General Purpose Input/Output E16 F19 E13 D19 GPIO108 IO General Purpose Input/Output F16 G19 D15 E19 GPIO109 IO General Purpose Input/Output F18 H20 D14 G18 GPIO110 IO General Purpose Input/Output G16 H19 D16 F18 GPIO111 IO General Purpose Input/Output E17 H17 E17 GPIO112 IO General Purpose Input/Output E18 G20 F19 GPIO113 IO General Purpose Input/Output C16 B20 B18 GPIO114 IO General Purpose Input/Output A17 E18 A18 GPIO115 IO General Purpose Input/Output B18 F17 D18 GPIO116 IO General Purpose Input/Output B17 D20 C18 GPIO117 IO General Purpose Input/Output D16 C20 B19 GPIO118 IO General Purpose Input/Output C17 D19 C17 GPIO119 IO General Purpose Input/Output D15 C18 B16 GPIO120 IO General Purpose Input/Output C15 C19 B17 GPIO121 IO General Purpose Input/Output P2 U2 P3 T1 GPIO122 IO General Purpose Input/Output B16 B19 C15 GPIO123 IO General Purpose Input/Output D14 C16 A15 GPIO124 IO General Purpose Input/Output A16 A19 C16 GPIO125 IO General Purpose Input/Output D13 B17 C14 GPIO126 IO General Purpose Input/Output B15 A18 B16 A17 GPIO127 IO General Purpose Input/Output C13 A17 A14 A16 GPIO128 IO General Purpose Input/Output A15 B18 B15 GPIO129 IO General Purpose Input/Output C14 D17 B14 GPIO130 IO General Purpose Input/Output B14 A16 D13 B15 GPIO131 IO General Purpose Input/Output A14 B16 C13 A15 GPIO132 IO General Purpose Input/Output C12 C14 C12 A14 GPIO133 IO General Purpose Input/Output D11 D15 B13 B14 GPIO134 (4) IO General Purpose Input/Output B13 B15 B12 B13 GPIO135 (3) IO General Purpose Input/Output A13 A15 A13 A13 GPIO136 IO General Purpose Input/Output B12 B14 GPIO137 IO General Purpose Input/Output A12 A14 GPIO138 IO General Purpose Input/Output M2 M1 H1 J3 GPIO139 IO General Purpose Input/Output V2 V1 R1 V1 GPIO140 IO General Purpose Input/Output U3 W1 P1 U1 GPIO20 IO General Purpose Input/Output B9 B11 D8 B10 GPIO21 IO General Purpose Input/Output B8 B10 B8 A10 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 62 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |