| Zakładka z wyszukiwarką danych komponentów |
|
CMV2000 Arkusz danych(PDF) 51 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Arkusz danych(HTML) 51 Page - ams-OSRAM AG |
|
51 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 51 / 87 / Table 13: Interleaved read-out – HDR mode timing Register name Register address Default value Description of the value Exp_time 42[7:0] 43[7:0] 44[7:0] 1088 If Exp_dual = ‘1’ Defines the exposure time for the even rows according following formula: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������) Where clk_per is the period of the CLK_IN input clock. Exp_time2 56[7:0] 57[7:0] 58[7:0] 1088 If Exp_dual = ‘1’ Defines the exposure time for the odd rows according following formula: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������2) Where clk_per is the period of the CLK_IN input clock. When the external exposure mode and interleaved read-out are selected, the different exposure times are achieved by using the T_EXP1 and T_EXP2 input pins. T_EXP1 defines the exposure time for the even lines, while T_EXP2 defines the exposure time for the odd lines. See Figure 46 for more details. Figure 46: Interleaved read-out in external exposure mode When a color sensor is used, the sequencer should be programmed to make sure it takes the Bayer pattern into account when doing interleaved read-out. This can be done by setting the appropriate register to ‘0’. FRAME_REQ T_EXP1 T_EXP2 Exposure time even rows Exposure time odd rows |