| Zakładka z wyszukiwarką danych komponentów |
|
CMV2000 Arkusz danych(PDF) 53 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Arkusz danych(HTML) 53 Page - ams-OSRAM AG |
|
53 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 53 / 87 / The placement of the knee points on the X-axis is controlled by the Vlow programming, while the slope of the segments is controlled by the programmed exposure times. Figure 48: Piecewise linear response Piecewise linear response with INTERNAL exposure mode: The following registers need to be programmed when a piecewise linear response in internal exposure mode is desired. Table 15: Piecewise linear response with internal exposure mode register settings Register name Register address Default value Description of the value Exp_time 42[7:0] 43[7:0] 44[7:0] 1088 Defines the total exposure time according following formula: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������) Where clk_per is the period of the CLK_IN input clock. Nr_slopes 54[1:0] 1 Defines the number of slopes (min=1, max=3). Exp_kp1 48[7:0] 49[7:0] 50[7:0] 1 Defines the exposure time of kneepoint 1. Formula: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������1) Where clk_per is the period of the CLK_IN input clock. Saturation level Kneepoint 2 Kneepoint 1 # of electrons |