| Zakładka z wyszukiwarką danych komponentów |
|
TDA7575BPD Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7575BPD Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 32 page ![]() I2C bus interface TDA7575B 18/32 I2C PIN (PIN16) < 1.5V: I2C bus interface deactivated I2C PIN (PIN16) > 2.5V: I2C bus interface activated It is also possible to let I2C PIN floating to deactivate the I2C bus interface, or to short I2C PIN to VCC to activate it. In particular: I2C ENABLED: I2C pin (PIN16) > 2.5V – STD MODE: Vstby (PIN5) > 3.5V, IB2(D1)=0 –HE MODE: Vstby (PIN5) > 3.5V, IB2(D1)=1 –PLAY MODE: Vmute (pin 4) >3.5V, IB1 (D2) = 1 The amplifier can always be switched off by putting Vstby to 0V, but with I 2C enabled it can be turn on only through I2C (with Vstby>3.5V). I2C DISABLED: I2C pin (PIN16) < 1.5V – STD MODE: 3.5V < st-by (PIN5) < 5 –HE MODE: Vstby (PIN5) > 7V –PLAY MODE: Vmute (pin 4) >3.5V For both STD and HE MODE the play/mute mode can be set acting on Vmute pin. When I2C BUS is disabled, when a fault is detected PIN 14 (CD-OUT) is pulled down by the internal logic circuitry. The faults detected are the short circuit to ground, to VCC and across the load (after an aver current detection). |