Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD57006S Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części PD57006S
Szczegółowy opis  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006S Arkusz danych(HTML) 3 Page - STMicroelectronics

  PD57006S Datasheet HTML 1Page - STMicroelectronics PD57006S Datasheet HTML 2Page - STMicroelectronics PD57006S Datasheet HTML 3Page - STMicroelectronics PD57006S Datasheet HTML 4Page - STMicroelectronics PD57006S Datasheet HTML 5Page - STMicroelectronics PD57006S Datasheet HTML 6Page - STMicroelectronics PD57006S Datasheet HTML 7Page - STMicroelectronics PD57006S Datasheet HTML 8Page - STMicroelectronics PD57006S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
PD57006 - PD57006S
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
Vds=10 V
Id=.05 A
Id=.2 A
Id=.6 A
Id=1.5 A
Id=1 A
TYPICAL PERFORMANCE
Capacitance vs. Drain Voltage
0
4
8
12
16
20
24
28
VDD, DRAIN VOLTAGE (V)
0.1
1
10
100
Ciss
Coss
Crss
f=1MHz
Drain Current vs. Gate-Source Voltage
2
2.5
3
3.5
4
4.5
5
5.5
VGS, GATE-SOURCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
Vds=10 V
Gate-Source Voltage vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14