| Zakładka z wyszukiwarką danych komponentów |
|
PD57006S Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD57006S Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() PD57006 - PD57006S 4/14 TYPICAL PERFORMANCE Output Power vs. Input Power 0 0.1 0.2 0.3 0.4 Pin, INPUT POW ER (W ) 0 1 2 3 4 5 6 7 8 9 Vdd=28V Idq=70mA 945 MHz 960 MHz 925 MHz Power Gain vs. Output Power 0 1 2 3 456 789 Pout, OUTPUT POW ER (W ) 4 6 8 10 12 14 16 18 Vdd=28V Idq=70mA 945 MHz 960 MHz 925 MHz Drain Efficiency vs. Output Power Drain Efficiency vs. Bias Current 0 1 23 45 6 789 Pout, OUTPUT POW ER (W ) 10 20 30 40 50 60 Vdd=28V Idq=70mA 945 MHz 960 MHz 925 MHz 0 1 2 345678 9 Pout, OUTPUT POW ER (W ) -25 -20 -15 -10 -5 0 Vdd=28V Idq=70mA 945 MHz 960 MHz 925 MHz 0 100 200 300 400 IDQ, BIAS CURRENT (mA) 0 2 4 6 8 10 Vdd=28V Pin= 23.6 dBm 945 MHz 960 MHz 925 MHz 0 100 200 300 400 IDQ, BIAS CURRENT (mA) 10 20 30 40 50 60 Vdd=28V Pin= 23.6 dBm 945 MHz 960 MHz 925 MHz Input Return Loss vs. Output Power Output Power vs. Bias Current PD57006 |