| Zakładka z wyszukiwarką danych komponentów |
|
FZ-S/SC Arkusz danych(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC Arkusz danych(HTML) 9 Page - Omron Electronics LLC |
|
9 / 54 page ![]() MDMC*2 Light 20.4 Mpix camera 9 There was a trade-off between high-resolution image capture like the human eye and inspection processing speed. We use new CMOS image elements and dual transfer technology to capture high-resolution images while transferring images at high speeds. This facilitates applications that previously required multiple cameras or a mechanism to move a camera. *2. MDMC…Multi-Direction Multi-Color Ultra-high-speed sensing technology in a compact design High-resolution cameras MDMC light with flexible lighting patterns We offer a range of cameras that can capture high-resolution images suitable for sensory inspection at high speeds. This light can be adjusted to defects by combining the illumination colors and angles like humans do. Even if new objects or inspection items are added after installation, there is no need to add or change the light—just change the illumination pattern. The illumination patterns can be registered as settings, facilitating duplicating production lines. Illumination structure You can choose the best pattern by combining illumination directions x full color RGB x 128 brightness levels of 13 blocks. Full color coaxial light Full color 3-tier x 4-block dome light |