Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZ-S/SC Arkusz danych(PDF) 13 Page - Omron Electronics LLC

Numer części FZ-S/SC
Szczegółowy opis  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Arkusz danych(HTML) 13 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 9Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 10Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 11Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 12Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 13Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 14Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 15Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 16Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
The popular single axis + θ axis stages as well as UVW stages can be used. The use of the same axis for both handling
and positioning simplifies machine configuration.
XY stage
UVWR stage
XYθ stage
X (Y) stage
θXY stage
Xθ (Yθ) stage
UVW stage
θX (θY) stage
Communication programs to connect robots from various vendors and FH flowcharts required for robot applications
are provided free of charge. You can quickly set up robot vision applications.
Robot Setting Tool simplifies connecting robots
Simple set-up steps
You can download the verified
robot communication programs
from the following
URL:http://www.omron-cxone.com/fh
There is no need to create a
program for robot calibration.
Move the robot for calibration
from the FH Series.
You don’t need to create a robot
program for verification.
Set the coordinates of the robot
and check robot operations
from the FH Series.
Pick
Offset compensation
Place
Combination
Applications
Stage Data calculates for various stages
Obtain robot
program
and flowchart
Calibrate
Check
operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54