| Zakładka z wyszukiwarką danych komponentów |
|
HMCSD491 Arkusz danych(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD491 Arkusz danych(HTML) 6 Page - Omron Electronics LLC |
|
6 / 32 page ![]() External Inspection External inspection of ICs can be completed with a single Sensor. The position offset of the entire pallet before inspection can be adjusted on the image itself, which reduces the amount of work required to increase mechanical positioning accuracy. Measurement Flow Purpose Compensates for the position offset of the chip. Chip position offset on lf, Measurement Flow ng Image Filters Position compensation Component Positioning The Sensor can measure angles of rotation and other position information, so it can also be used for positioning. Inspections can also be performed for the number and size of holes along with the position information. r the Adjusts the image so that it is easier to inspect Compen offset o Position compensation P iti ti Inspections Calculations and Outputs Calculation Data Output Individual Judgement Output Measurement Flow number and size of holes along wit Measurement Flow Image Filters Adjusts the image so that it is easier to inspect Image Filters I Filt Adjusts t it is easie Inspections and Measurements Calculations and Outputs Calculation Data Output Calculates data for external output. Outputs the position information and incline. Purpose Extended Functions : Image Inspections Width measurements Foreign matter Number of pins Pitch inspections Incomplete characters Edge Count Sensitive Search Color Data Edge Position Number of pins and pitch inspections Incomplete characters Foreign matter Width measurements Uses the inspection data for calculations and judgements. Outputs the measurement values. Outputs the judgements of inspections to individually. Shape Search III Labeling Component incline and position Number of holes and hole sizes Number and Sizes of Holes Inclination You can combine multiple inspection items to perform external inspections, positioning, and other tasks all from a single Sensor. Easily Perform Both Inspection and Positioning 6 |