| Zakładka z wyszukiwarką danych komponentów |
|
HMCSD491 Arkusz danych(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD491 Arkusz danych(HTML) 15 Page - Omron Electronics LLC |
|
15 / 32 page ![]() Partial Input with DAP (Dual Axis Partial) Processing Would you like a little more positioning accuracy? Do you need a wider field of view? We hear you, and that is why we have greatly im- proved the resolution of our camera. The 1.3 megapixels maintain precision and accuracy while also enabling a wider field of view. Precision 1.3 Megapixel Camera Sub-pixel Processing Processing time can be further reduced by limiting the camera input to only the area that is required for inspection. Previous models allowed trimming only in the Y direction, but now you can specify a range across both the X and Y axes for trimming. Keep a wide field of view and trim to only the sec- tions that are required for inspection in each scene to reduce processing time. Megapixel CMOS Sensor Sensor with C-mount 350,000 pixels 1.3 megapixels Integrated Sensor Previously, position information could only be output on a per-pixel basis, but now you can output at a resolution even higher than the number of avail- able pixels. This provides finer measurement values for travel distances and helps to improve positioning accuracy. Sensor with C mount Integrated Sensor [ Problems with a Standard Digital Zoom ] Camera input is performed for all images and only a portion is shown enlarged, so this does not decrease the amount of time required for camera input. 1.3 Megapixels 760,000 Pixels Note: DAP processing is provided only on 760,000-pixel and 1,300,000-pixel Sensors. Typical Problem Sub-pixel Processing The position of the edge cannot be detected accurately. The position of the edge is detected with greater accuracy. Sensor with C-mount Integrated Sensor 1.3 Megapixels gp 760,000 Pixels , Megapixel CMOS Sensor 1/3 1/5 Workpiece A Workpiece B Field of View Y Field of View X Partial Input Y Partial Input X * * 350,000 pixels types are also available. (Comparisons to previous OMRON models) 4 Times the Pixels 1,000 Times the Display Resolution 1,000x 1,000x improvement improvement 1,000x improvement 1-pixel increments 0.001-pixel increments Color Monochrome Color Monochrome Workpiece A Workpiece B Field of View Y Field of View X Partial Input Y Partial Input X Partial input allows you to input only the portion of an image that is required for inspection by changing scenes, without having to change the field of view. Partial Input You can enlarge the display of the partial input image. Enlarged Display 15 Total Reflection Reflection Reflection |