Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AVR-M2012 Arkusz danych(PDF) 6 Page - TDK Electronics

Numer części AVR-M2012
Szczegółowy opis  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012 Arkusz danych(HTML) 6 Page - TDK Electronics

Back Button AVR-M2012 Datasheet HTML 2Page - TDK Electronics AVR-M2012 Datasheet HTML 3Page - TDK Electronics AVR-M2012 Datasheet HTML 4Page - TDK Electronics AVR-M2012 Datasheet HTML 5Page - TDK Electronics AVR-M2012 Datasheet HTML 6Page - TDK Electronics AVR-M2012 Datasheet HTML 7Page - TDK Electronics AVR-M2012 Datasheet HTML 8Page - TDK Electronics AVR-M2012 Datasheet HTML 9Page - TDK Electronics AVR-M2012 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
(6/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
PRODUCT CHARACTERISTICS LIST
AVR series (Automotive grade) 
Product characteristics list
Item
Size
V (1mA)
C1kHz
*C1MHz
Vdc
Clamping
voltage
8/20µs Pulse
Maximum energy
10/1000µs Pulse
Maximum peak
current
8/20µs Pulse
IEC61000-4-2
(Contact)
(mm)
(V)
(pF)
DC (V)
Vcl (V)
Ip (A)
150pF/330
AVRL101D3R3FTA
1.0 x 0.5 (EIA0402)
27(21.6 to 32.4)
3.3(2.3 to 4.3)*
20
62(0.5A)
0.01
0.5
8kV
AVRL101D6R8GTA
1.0 x 0.5 (EIA0402)
27(21.6 to 32.4)
6.8(4.8 to 8.8)*
20
58(1A)
0.01
1
8kV
AVRH10C270KT150NA8
1.0 x 0.5 (EIA0402)
27(24.0 to 30.0)
15(10.5 to 19.5)
19
52(2A)
0.02
2
25kV
AVRH10C270KT350NA8
1.0 x 0.5 (EIA0402)
27(24.0 to 30.0)
35(24.5 to 45.5)
19
52(2A)
0.02
8
25kV
AVRH10C390KT500NA8
1.0 x 0.5 (EIA0402)
39(35.0 to 43.0)
50(35 to 65)
28
72(2A)
0.02
15
25kV
AVRH10C101KT4R7FA8
1.0 x 0.5 (EIA0402)
100(90 to 110)
4.7(3.7 to 5.7)*
70
190(1A)
0.03
1
25kV
AVRH10C101KT4R7YA8
1.0 x 0.5 (EIA0402)
115(103.5 to 126.5) 4.7(4.13 to 5.27)*
70
212 (1A)
0.03
1
25kV
AVRH10C101KT1R1NE8
1.0 x 0.5 (EIA0402)
110(100 to 120)
1.1(0.8 to 1.4)*
70
190 (0.3A)
0.01
0.3
8kV
AVRH10C221KT1R5YA8
1.0 x 0.5 (EIA0402)
220 (198 to 242)
1.5(1.37 to 1.63)*
70
400 (0.5A)
0.01
0.5
25kV
AVRL161D3R3FTA
1.6 x 0.8 (EIA0603)
27(21.6 to 32.4)
3.3(2.3 to 4.3)*
20
62(0.5A)
0.01
0.5
8kV
AVRL161D6R8GTA
1.6 x 0.8 (EIA0603)
27(21.6 to 32.4)
6.8(4.8 to 8.8)*
20
58(1A)
0.01
1
8kV
AVR-M1608C220KT2AB
1.6 x 0.8 (EIA0603)
22(19.8 to 24.2)
210(147 to 273)
16
37(2A)
0.03
10
25kV
AVR-M1608C220KT6AB
1.6 x 0.8 (EIA0603)
22(19.8 to 24.2)
560(392 to 728)
16
34(2A)
0.10
30
25kV
AVR-M1608C270MTABB
1.6 x 0.8 (EIA0603)
27(21.6 to 32.4)
15(10.5 to 19.5)
17
52(2A)
0.05
2
25kV
AVR-M1608C270MTAAB
1.6 x 0.8 (EIA0603)
27(21.6 to 32.4)
30(21 to 39)
17
52(2A)
0.05
2
25kV
AVR-M1608C270KTACB
1.6 x 0.8 (EIA0603)
27(24.0 to 30.0)
60(42 to 78)
19
54(2A)
0.05
10
25kV
AVRM1608C270KT800M
1.6 x 0.8 (EIA0603)
27(24.0 to 30.0)
80(64 to 96)
19
53(2A)
0.02
28
25kV
AVR-M1608C270KT2AB
1.6 x 0.8 (EIA0603)
27(24.0 to 30.0)
160(112 to 208)
19
42(2A)
0.10
20
25kV
AVRM1608C270KT221M
1.6 x 0.8 (EIA0603)
27(24.0 to 30.0)
220(176 to 264)
19
52(2A)
0.10
40
25kV
AVR-M1608C270KT6AB
1.6 x 0.8 (EIA0603)
27(24.0 to 30.0)
430(301 to 339)
19
42(2A)
0.10
48
25kV
AVRM1608C390KT271N
1.6 x 0.8 (EIA0603)
39(35.0 to 43.0)
270(189 to 351)
28
69(2A)
0.10
78
25kV
AVRM1608C560KT101M
1.6 x 0.8 (EIA0603)
56(50.4 to 61.6)
100(80 to 120)
40
113(2A)
0.10
60
25kV
AVRM1608C720KT750M
1.6 x 0.8 (EIA0603)
72(64.8 to 79.2)
75(60 to 90)
53
135(2A)
0.10
40
25kV
AVR-M2012C220KT6AB
2.0 x 1.2 (EIA0805)
22(19.8 to 24.2)
800(560 to 1040)
16
38(5A)
0.30
100
25kV
AVRM2012C330KT801N
2.0 x 1.2 (EIA0805)
33(29.7 to 36.3)
800(560 to 1040)
24
59(5A)
0.50
240
25kV
AVR-M2012C390KT6AB
2.0 x 1.2 (EIA0805)
39(35.0 to 43.0)
430(301 to 559)
28
62(5A)
0.30
100
25kV
AVRM2012C560KT251M
2.0 x 1.2 (EIA0805)
56(50.4 to 61.6)
250(200 to 300)
40
113(5A)
0.30
150
25kV
AVRM2012C720KT201M
2.0 x 1.2 (EIA0805)
72(64.8 to 79.2)
200(160 to 240)
53
142(5A)
0.30
100
25kV
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com